データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WV3HG32M40SEU534PD4IEG データシート(PDF) 8 Page - White Electronic Designs Corporation

部品番号 WV3HG32M40SEU534PD4IEG
部品情報  128MB - 32Mx40 DDR2 SDRAM UNBUFFERED, ECC, w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEDC [White Electronic Designs Corporation]
ホームページ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG32M40SEU534PD4IEG データシート(HTML) 8 Page - White Electronic Designs Corporation

Back Button WV3HG32M40SEU534PD4IEG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG32M40SEU534PD4IEG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG32M40SEU534PD4IEG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG32M40SEU534PD4IEG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG32M40SEU534PD4IEG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG32M40SEU534PD4IEG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG32M40SEU534PD4IEG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG32M40SEU534PD4IEG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG32M40SEU534PD4IEG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
WV3HG32M40SEU-PD4
June 2006
Rev. 2
ADVANCED
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
AC TIMING PARAMETERS (cont'd)
AC CHARACTERISTICS
665
534
403
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
ACTIVE to ACTIVE (same bank) command
tRC
55
55
55
ns
ACTIVE bank a to ACTIVE bank b command
tRRD
10
10
10
ns
ACTIVE to READ or WRITE delay
tRCD
15
15
15
ns
Four Bank Activate period
tFAW
50
50
50
ns
ACTIVE to PRECHARGE command
tRAS
45
70,000
45
70,000
40
70,000
ns
Internal READ to precharge command delay
tRTP
7.5
7.5
7.5
ns
Write recovery time
tWR
15
15
15
ns
Auto precharge write recovery + precharge time
tDAL
tWR + tRP
tWR + tRP
tWR + tRP
ns
Internal WRITE to READ command delay
tWTR
7.5
7.5
10
ns
PRECHARGE command period
tRP
15
15
15
ns
PRECHARGE ALL command period
tRPA
tRP+tCK
tRP+tCK
tRP+tCK
ns
LOAD MODE command cycle time
tMRD
222
tCK
CKE low to CK,CK# uncertainty
tDELAY
tIS + tCK
+ tIH
tIS + tCK
+ tIH
tIS + tCK
+ tIH
ns
REFRESH to Active of Refresh to Refresh command
interfal
tRFC
105
70,000
105
70,000
105
70,000
ns
Average periodic refresh interval
tREFI
7.8
7.8
7.8
µs
Exit self refresh to non-READ command
tXSNR
tRFC (MIN)
+ 10
tRFC (MIN)
+ 10
tRFC (MIN)
+ 10
ns
Exit self refresh to READ command
tXSRD
200
200
200
tCK
Exit self refresh timing reference
tISXR
tIS
tIS
tIS
ps
ODT turn-on delay
tAOND
222222
tCK
ODT turn-on
tAON
tAC (MIN)
tAC (MAX)
+ 700
tAC (MIN)
tAC (MAX)
+ 1000
tAC (MIN)
tAC (MAX)
+ 1000
ps
ODT turn-off delay
tAOFD
2.5
2.5
2.5
2.5
2.5
2.5
tCK
ODT turn-off
tAOF
tAC (MIN)
tAC (MAX)
+ 600
tAC (MIN)
tAC (MAX)
+ 600
tAC (MIN)
tAC (MAX)
+ 600
ps
ODT turn-on (power-down mode)
tAONPD
tAC (MIN)
+ 2000
2 x tCK +
tAC (MAX)
+ 1000
tAC (MIN)
+ 2000
2 x tCK +
tAC (MAX)
+ 1000
tAC (MIN)
+ 2000
2 x tCK +
tAC (MAX)
+ 1000
ps
ODT turn-off (power-down mode)
tAOFPD
tAC (MIN)
+ 2000
2.5 x
tCK + tAC
(MAX) +
1000
tAC (MIN)
+ 2000
2.5 x
tCK + tAC
(MAX) +
1000
tAC (MIN)
+ 2000
2.5 x
tCK + tAC
(MAX) +
1000
ps
ODT to power-down entry latency
tANPD
333
tCK
ODT power-down exit latency
tAXPD
888
tCK
Exit active power-down to READ command,
MR[bit12=0]
tXARD
222
tCK
Exit active power-down to READ command,
MR[bit12=1]
tXARDS
7 - AL
6 - AL
6 - AL
tCK
A Exit precharge power-down to any non-READ
command.
tXP
222
tCK
CKE minimum high/low time
tCKE
333
tCK
Note:
AC specification is based on
ELPIDA components. Other DRAM manufactures specification may be different.


同様の部品番号 - WV3HG32M40SEU534PD4IEG

メーカー部品番号データシート部品情報
logo
White Electronic Design...
WV3HG128M72AER-AD6 WEDC-WV3HG128M72AER-AD6 Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER403AD6EG WEDC-WV3HG128M72AER403AD6EG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER403AD6IEG WEDC-WV3HG128M72AER403AD6IEG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER403AD6IMG WEDC-WV3HG128M72AER403AD6IMG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
More results

同様の説明 - WV3HG32M40SEU534PD4IEG

メーカー部品番号データシート部品情報
logo
White Electronic Design...
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com