データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WV3HG64M32EEU665D4SG データシート(PDF) 5 Page - White Electronic Designs Corporation

部品番号 WV3HG64M32EEU665D4SG
部品情報  256MB - 64Mx32 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEDC [White Electronic Designs Corporation]
ホームページ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M32EEU665D4SG データシート(HTML) 5 Page - White Electronic Designs Corporation

  WV3HG64M32EEU665D4SG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M32EEU665D4SG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M32EEU665D4SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M32EEU665D4SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M32EEU665D4SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M32EEU665D4SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M32EEU665D4SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M32EEU665D4SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M32EEU665D4SG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
WV3HG64M32EEU-D4
May 2006
Rev. 2
ADVANCED
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
INPUT/OUTPUT CAPACITANCE
TA = 25°C, f = 100MHz
Parameter
Symbol
Min
Max
Units
Input Capacitance (A0~A13, BA0~BA1, RAS#, CAS#, WE#)
CIN1
812
pF
Input Capacitance CKE0, ODT
CIN2
812
pF
Input Capacitance CS0#
CIN3
812
pF
Input Capacitance (CK0, CK0#)
CIN4
812
pF
Input Capacitance (DM0 ~ DM3), (DQS0 ~ DQS3)
CIN5 (665)
6.5
7.5
pF
CIN5 (534)
6.5
8
pF
Input Capacitance (DQ0 ~ DQ31)
COUT1 (665)
6.5
7.5
pF
COUT1 (534)
6.5
8
pF
Notes:
• AC specification is based on SAMSUNG components. Other DRAM manufactures specification may be different.
OPERATING TEMPERATURE CONDITION
Parameter
Symbol
Rating
Units
Notes
Operating temperature (Commercial)
TOPER
0° to 85°
°C
1, 2
Notes:
1. Operating temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JEDED JESD51.2
2. At 0°C - 85°C, operation temperature range, all DRAM specification will be supported.
INPUT DC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Units
Input High (Logic 1) Voltage
VIH(DC)
VREF + 0.125
VCC + 0.300
V
Input Low (Logic 0) Voltage
VIL(DC)
-0.300
VREF - 0.125
V
INPUT AC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Units
Input High (Logic 1) Voltage DDR2-400 & DDR2-533
VIH(AC)
VREF + 0.250
-
V
Input Low (Logic 1) Voltage DDR2-667
VIH(AC)
VREF + 0.200
-
V
Input Low (Logic 0) Voltage DDR2-400 & DDR2-533
VIL(AC)
-
VREF - 0.250
V
Input Low (Logic 0) Voltage DDR2-667
VIL(AC)
-
VREF - 0.200
V


同様の部品番号 - WV3HG64M32EEU665D4SG

メーカー部品番号データシート部品情報
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU-D6 WEDC-WV3HG64M64EEU-D6 Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG64M64EEU403D4IMG WEDC-WV3HG64M64EEU403D4IMG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU403D4ISG WEDC-WV3HG64M64EEU403D4ISG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU403D4MG WEDC-WV3HG64M64EEU403D4MG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results

同様の説明 - WV3HG64M32EEU665D4SG

メーカー部品番号データシート部品情報
logo
Elpida Memory
EBE25UD6ABFA ELPIDA-EBE25UD6ABFA Datasheet
224Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25EC8AAFA ELPIDA-EBE25EC8AAFA Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFV ELPIDA-EBE25UC8AAFV Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM HYPER DIMM?
logo
Hynix Semiconductor
HY5PS561621BLFPE3 HYNIX-HY5PS561621BLFPE3 Datasheet
827Kb / 34P
   256Mb DDR2 SDRAM
HY5PS561621BLFPE3I HYNIX-HY5PS561621BLFPE3I Datasheet
826Kb / 34P
   256Mb DDR2 SDRAM
H5PS2562GFR HYNIX-H5PS2562GFR Datasheet
1Mb / 61P
   256Mb DDR2 SDRAM
HY5PS561621AFP-E3 HYNIX-HY5PS561621AFP-E3 Datasheet
2Mb / 34P
   256Mb DDR2 SDRAM
HY5PS56421LF-E3 HYNIX-HY5PS56421LF-E3 Datasheet
614Kb / 35P
   256Mb DDR2 SDRAM
logo
White Electronic Design...
W3DG7232V-D1 WEDC-W3DG7232V-D1 Datasheet
225Kb / 7P
   256MB - 32Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com