データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WV3HG64M64EEU403D4SG データシート(PDF) 1 Page - White Electronic Designs Corporation

部品番号 WV3HG64M64EEU403D4SG
部品情報  512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEDC [White Electronic Designs Corporation]
ホームページ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M64EEU403D4SG データシート(HTML) 1 Page - White Electronic Designs Corporation

  WV3HG64M64EEU403D4SG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M64EEU403D4SG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M64EEU403D4SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M64EEU403D4SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M64EEU403D4SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M64EEU403D4SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M64EEU403D4SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M64EEU403D4SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M64EEU403D4SG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WV3HG64M64EEU-D4
May 2006
Rev. 2
ADVANCED*
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
512MB – 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
DESCRIPTION
The WV3HG64M64EEU is a 64Mx64 Double Data Rate 2
SDRAM memory module based on 512Mb DDR2 SDRAM
components. The module consists of eight 64Mx8, in
FBGA package mounted on a 200 pin SO-DIMM FR4
substrate.
* This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
NOTE: Consult factory for availability of:
• Vendor source control options
• Industrial temperature option
FEATURES
Unbuffered 200-pin, Small-Outline DIMM (SO-
DIMM)
Fast data transfer rates: PC2-5300*, PC2-4200 and
PC2-3200
Utilizes 667*, 533 and 400 MT/s DDR2 SDRAM
components
VCC = 1.8V ±0.1V
VCCSPD = 1.7V to 3.6V
JEDEC standard 1.8V I/O (SSTL_18-compatible)
Differential data strobe (DQS, DQS#) option
Four-bit prefetch architecture
DLL to align DQ and DQS transitions with CK
Multiple internal device banks for concurrent
operation
Supports duplicate output strobe (RDQS/RDQS#)
Programmable CAS# latency (CL): 3, 4, and 5*
Adjustable data-output drive strength
On-die termination (ODT)
Serial Presence Detect (SPD) with EEPROM
Auto & self refresh (64ms: 8,192 cycle refresh)
Gold edge contacts
RoHS Compliant
JEDEC Package option
• 200 Pin (SO-DIMM)
• PCB – 30.00mm (1.181") TYP.
OPERATING FREQUENCIES
PC2-5300*
PC2-4200
PC2-3200
Clock Speed
333MHz
266MHz
200MHz
CL-tRCD-tRP
5-5-5
4-4-4
3-3-3
Note:
• Consult factory for availability


同様の部品番号 - WV3HG64M64EEU403D4SG

メーカー部品番号データシート部品情報
logo
White Electronic Design...
WV3HG64M64EEU403D6GG WEDC-WV3HG64M64EEU403D6GG Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG64M64EEU403D6MG WEDC-WV3HG64M64EEU403D6MG Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG64M64EEU403D6SG WEDC-WV3HG64M64EEU403D6SG Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
More results

同様の説明 - WV3HG64M64EEU403D4SG

メーカー部品番号データシート部品情報
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
WV3HG64M64EEU-D6 WEDC-WV3HG64M64EEU-D6 Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE51UD8AGWA ELPIDA-EBE51UD8AGWA Datasheet
245Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52EC8AAFA ELPIDA-EBE52EC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AGWA ELPIDA-EBE51ED8AGWA Datasheet
209Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AJWA ELPIDA-EBE51ED8AJWA Datasheet
237Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFA ELPIDA-EBE52UC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51UD8AJWA ELPIDA-EBE51UD8AJWA Datasheet
244Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UD6AJUA ELPIDA-EBE52UD6AJUA Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN06464H2CF1SA-30[EIW]R ETC2-SEN06464H2CF1SA-30[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com