データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WV3HG264M72EEU665D6MG データシート(PDF) 9 Page - White Electronic Designs Corporation

部品番号 WV3HG264M72EEU665D6MG
部品情報  1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEDC [White Electronic Designs Corporation]
ホームページ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU665D6MG データシート(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3HG264M72EEU665D6MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG264M72EEU665D6MG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WV3HG264M72EEU-D6
January 2006
Rev. 0
ADVANCED
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
133.35 (5.25)
133.20 (5.244)
10.00 (0.394)
TYP
17.80 (0.700)
TYP
30.50 (1.201)
29.85 (1.175)
63.00 (2.48) TYP
55.00 (2.165) TYP
3.00
(0.118)
(4x)
4.00
(0.158)
(4x)
2.50 ± 0.20
(0.098 ± 0.007)
1.50 ± 0.10
(0.059 ± 0.004)
4.00 (0.158)
5.00
(0.196)
1.00 (0.039) TYP
0.80 ± 0.05
(0.032 ± 0.002) TYP
PIN 20
PIN 1
0.054 (1.37)
0.046 (1.17)
0.158 (4.00)
MAX
FRONT VIEW
BACK VIEW
+
+
PIN 1
PIN 121
PACKAGE DIMENSIONS FOR D6
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D6
Part Number
Clock/Data Rate
Frequency
CAS Latency
tRCD
tRP
Height*
W3HG264M72EEU806D6xG**
400MHz/800Mb/s
6
6
6
30.00mm (1.181") TYP
W3HG264M72EEU665D6xG**
333MHz/667Mb/s
5
5
5
30.00mm (1.181") TYP
W3HG264M72EEU534D6xG
266MHz/533Mb/s
4
4
4
30.00mm (1.181") TYP
W3HG264M72EEU403D6xG
200MHz/400Mb/s
3
3
3
30.00mm (1.181") TYP
** Consult factory for availability
NOTES:
• RoHS compliant product. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory component source control. The place holder for this is shown as a lower case "x"
in the part numbers above and is to be replaced with respective vendors code. Consult factory for qualified sourcing options.
(G = Infineon, M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


同様の部品番号 - WV3HG264M72EEU665D6MG

メーカー部品番号データシート部品情報
logo
White Electronic Design...
WV3HG264M72EEU665D7IMG WEDC-WV3HG264M72EEU665D7IMG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU665D7ISG WEDC-WV3HG264M72EEU665D7ISG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU665D7MG WEDC-WV3HG264M72EEU665D7MG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU665D7SG WEDC-WV3HG264M72EEU665D7SG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
More results

同様の説明 - WV3HG264M72EEU665D6MG

メーカー部品番号データシート部品情報
logo
White Electronic Design...
W3EG72128S-D3 WEDC-W3EG72128S-D3 Datasheet
232Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
W3EG264M72EFSUXXXD4 WEDC-W3EG264M72EFSUXXXD4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG264M64EEU-D6 WEDC-WV3HG264M64EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3EG265M72EFSU-D4 WEDC-WV3EG265M72EFSU-D4 Datasheet
171Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, PLL, FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com