データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE5205-2S データシート(PDF) 1 Page - Infineon Technologies AG

部品番号 TLE5205-2S
部品情報  5-A H-Bridge for DC-Motor Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5205-2S データシート(HTML) 1 Page - Infineon Technologies AG

  TLE5205-2S Datasheet HTML 1Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 2Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 3Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 4Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 5Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 6Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 7Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 8Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Data Sheet
1
2001-06-19
built using the Infineon multi-technology process SPT
® which allows bipolar and CMOS
control circuitry plus DMOS power devices to exist on the same monolithic structure.
Operation modes forward (cw), reverse (ccw), brake and high impedance are invoked
from just two control pins with TTL/CMOS compatible levels. The combination of an
extremely low
R
DS ON and the use of a power IC package with low thermal resistance and
high thermal capacity helps to minimize system power dissipation. A blocking capacitor
at the supply voltage is the only external circuitry due to the integrated freewheeling
diodes.
1Overview
1.1
Features
• Delivers up to 5 A continuous 6 A peak current
• Optimized for DC motor management applications
• Operates at supply voltages up to 40 V
•Very low
R
DS ON; typ. 200 mΩ @25 °C per switch
• Output full short circuit protected
• Overtemperature protection with hysteresis
and diagnosis
• Short circuit and open load diagnosis
with open drain error flag
• Undervoltage lockout
• CMOS/TTL compatible inputs with hysteresis
• No crossover current
• Internal freewheeling diodes
• Wide temperature range;
− 40 °C < T
j < 150 °C
Description
The TLE 5205-2 is an integrated power H-bridge with
DMOS output stages for driving DC-Motors. The part is
Type
Ordering Code Package
TLE 5205-2
Q67000-A9283 P-TO220-7-11
TLE 5205-2GP
Q67006-A9237 P-DSO-20-12
TLE 5205-2G
Q67006-A9325 P-TO263-7-1
TLE 5205-2S
Q67000-A9324 P-TO220-7-12
5-A H-Bridge for DC-Motor Applications
TLE 5205-2
P-TO220-7-11
P-DSO-20-12
P-TO263-7-1
P-TO220-7-12


同様の部品番号 - TLE5205-2S

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE5205-2S INFINEON-TLE5205-2S Datasheet
342Kb / 25P
   5-A H-Bridge for DC-Motor Applications
Rev. 1.1, 2007-07-31
More results

同様の説明 - TLE5205-2S

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE5206-2G INFINEON-TLE5206-2G Datasheet
198Kb / 22P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2_07 Datasheet
342Kb / 25P
   5-A H-Bridge for DC-Motor Applications
Rev. 1.1, 2007-07-31
TLE5206-2 INFINEON-TLE5206-2_07 Datasheet
335Kb / 24P
   5-A H-Bridge for DC-Motor Applications
Rev.1.1, 2007-07-31
TLE7209-2R INFINEON-TLE7209-2R_10 Datasheet
385Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.5, 2010-11-05
TLE7209-2R INFINEON-TLE7209-2R Datasheet
335Kb / 32P
   7 A H-Bridge for DC-Motor Applications
V1.0, 2004-mar-12
TLE6209R INFINEON-TLE6209R_10 Datasheet
705Kb / 30P
   7 A H-Bridge for DC-Motor Applications
Rev.3.2 2010-09-10
TLE6209R INFINEON-TLE6209R Datasheet
278Kb / 28P
   7 A H-Bridge for DC-Motor Applications
Version 3.0 2001-10-15
TLE6209R INFINEON-TLE6209R_07 Datasheet
329Kb / 30P
   7 A H-Bridge for DC-Motor Applications
2007-08-01 Rev.3.1
TLE7209-2R INFINEON-TLE7209-2R_07 Datasheet
428Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.4, 2007-04-05
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com