データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14XXXBCP データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC14XXXBCP
部品情報  24-Stage Frequency Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXBCP データシート(HTML) 1 Page - Motorola, Inc

  MC14XXXBCP Datasheet HTML 1Page - Motorola, Inc MC14XXXBCP Datasheet HTML 2Page - Motorola, Inc MC14XXXBCP Datasheet HTML 3Page - Motorola, Inc MC14XXXBCP Datasheet HTML 4Page - Motorola, Inc MC14XXXBCP Datasheet HTML 5Page - Motorola, Inc MC14XXXBCP Datasheet HTML 6Page - Motorola, Inc MC14XXXBCP Datasheet HTML 7Page - Motorola, Inc MC14XXXBCP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14521B
24-Stage Frequency Divider
The MC14521B consists of a chain of 24 flip–flops with an input circuit that
allows three modes of operation. The input will function as a crystal
oscillator, an RC oscillator, or as an input buffer for an external oscillator.
Each flip–flop divides the frequency of the previous flip–flop by two,
consequently this part will count up to 224 = 16,777,216. The count advances
on the negative going edge of the clock. The outputs of the last
seven–stages are available for added flexibility.
• All Stages are Resettable
• Reset Disables the RC Oscillator for Low Standby Power Drain
• RC and Crystal Oscillator Outputs Are Capable of Driving External
Loads
• Test Mode to Reduce Test Time
• VDD′ and VSS′ Pins Brought Out on Crystal Oscillator Inverter to Allow
the Connection of External Resistors for Low–Power Operation
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load over the Rated Temperature Range.
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
BLOCK DIAGRAM
Output
Count Capacity
Q18
218 = 262,144
Q19
219 = 524,288
Q20
220 = 1,048,576
Q21
221 = 2,097,152
Q22
222 = 4,194,304
Q23
223 = 8,388,608
Q24
224 = 16,777,216
STAGES
18 THRU 24
STAGES
1 THRU 17
Q18 Q19 Q20 Q21 Q22 Q23 Q24
10
11
12
13
14
15
1
2
6
IN 2
9
IN 1
7
RESET
VDD = PIN 16
VSS = PIN 8
5
3
4
OUT 1
VDD′
VSS′
OUT2
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14520B
See Page 6-292
MC14521B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Q20
Q21
Q22
VDD
IN 1
Q18
Q19
OUT 2
VSS′
RESET
Q24
VSS
OUT 1
IN 2
VDD′
Q23


同様の部品番号 - MC14XXXBCP

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
234Kb / 7P
   4x4 Multiport Register
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
108Kb / 6P
   18-BIT STATIC SHIFT REGISTER
More results

同様の説明 - MC14XXXBCP

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com