データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT283 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74HCT283
部品情報  4-bit binary full adder with fast carry
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT283 データシート(HTML) 8 Page - NXP Semiconductors

  74HCT283 Datasheet HTML 1Page - NXP Semiconductors 74HCT283 Datasheet HTML 2Page - NXP Semiconductors 74HCT283 Datasheet HTML 3Page - NXP Semiconductors 74HCT283 Datasheet HTML 4Page - NXP Semiconductors 74HCT283 Datasheet HTML 5Page - NXP Semiconductors 74HCT283 Datasheet HTML 6Page - NXP Semiconductors 74HCT283 Datasheet HTML 7Page - NXP Semiconductors 74HCT283 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
December 1990
8
Philips Semiconductors
Product specification
4-bit binary full adder with fast carry
74HC/HCT283
AC WAVEFORMS
Fig.6
Waveforms showing the inputs (CIN, An, Bn)
to the outputs (
n, COUT) propagation delays
and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
APPLICATION INFORMATION
Fig.7 3-bit adder.
Fig.8 2-bit and 1-bit adder.
Fig.9 5-input encoder.
Fig.10 5-input majority gate.
Notes to Figs 7 to 10
Figure 7 shows a 3-bit adder using the “283”. Tying the
operand inputs of the fourth adder (A3, B3) LOW makes ∑3
dependent on, and equal to, the carry from the third adder.
Based on the same principle, Figure 8 shows a method of
dividing the “283” into a 2-bit and 1-bit adder. The third
stage adder (A2, B2, ∑ 2) is used simply as means of
transferring the carry into the fourth stage (via A2 and B2)
and transferring the carry from the second stage on
2.
Note that as long as long as A2 and B2 are the same, HIGH
or LOW, they do not influence
2. Similarly, when A2 and
B2 are the same, the carry into the third stage does not
influence the carry out of the third stage. Figure 9 shows a
method of implementing a 5-input encoder, where the
inputs are equally weighted. The outputs
0, ∑1 and ∑ 2
produce a binary number equal to the number inputs (I1 to
I5) that are HIGH. Figure 10 shows a method of
implementing a 5-input majority gate. When three or more
inputs (I1 to I5) are HIGH, the output M5 is HIGH.
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.


同様の部品番号 - 74HCT283

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT283 PHILIPS-74HCT283 Datasheet
65Kb / 8P
   4-bit binary full adder with fast carry
December 1990
More results

同様の説明 - 74HCT283

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com