データシートサーチシステム |
|
74HCT245BQ データシート(PDF) 1 Page - NXP Semiconductors |
|
74HCT245BQ データシート(HTML) 1 Page - NXP Semiconductors |
1 / 22 page 1. General description The 74HC245; 74HCT245 is a high-speed Si-gate CMOS device and is pin compatible with Low-Power Schottky TTL (LSTTL). The 74HC245; 74HCT245 is an octal transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions. The 74HC245; 74HCT245 features an output enable input (OE) for easy cascading and a send/receive input (DIR) for direction control. OE controls the outputs so that the buses are effectively isolated. The 74HC245; 74HCT245 is similar to the 74HC640; 74HCT640 but has true (non-inverting) outputs. 2. Features s Octal bidirectional bus interface s Non-inverting 3-state outputs s Multiple package options s Complies with JEDEC standard no. 7A s ESD protection: x HBM EIA/JESD22-A114-B exceeds 2000 V x MM EIA/JESD22-A115-A exceeds 200 V s Specified from −40 °Cto+85 °C and from −40 °C to +125 °C 3. Quick reference data 74HC245; 74HCT245 Octal bus tranceiver; 3-state Rev. 03 — 31 January 2005 Product data sheet Table 1: Quick reference data GND = 0 V; Tamb =25 °C; tr =tf = 6 ns. Symbol Parameter Conditions Min Typ Max Unit Type 74HC245 tPHL, tPLH propagation delay An to Bn or Bn to An CL =15pF; VCC =5V -7 -ns CI input capacitance - 3.5 - pF CI/O input/output capacitance - 10 - pF CPD power dissipation capacitance per transceiver VI = GND to VCC [1] -30 - pF Type 74HCT245 tPHL, tPLH propagation delay An to Bn or Bn to An CL =15pF; VCC =5V -10 - ns |
同様の部品番号 - 74HCT245BQ |
|
同様の説明 - 74HCT245BQ |