データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC30 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74HC30
部品情報  8-input NAND gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC30 データシート(HTML) 5 Page - NXP Semiconductors

  74HC30 Datasheet HTML 1Page - NXP Semiconductors 74HC30 Datasheet HTML 2Page - NXP Semiconductors 74HC30 Datasheet HTML 3Page - NXP Semiconductors 74HC30 Datasheet HTML 4Page - NXP Semiconductors 74HC30 Datasheet HTML 5Page - NXP Semiconductors 74HC30 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
December 1990
5
Philips Semiconductors
Product specification
8-input NAND gate
74HC/HCT30
DC CHARACTERISTICS FOR 74 HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: SSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: SSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to + 85 −40 to +125
min. typ. max. min. max. min.
max.
tPHL/ tPLH
propagation delay
A, B, C, D, E, F, G, H to Y
41
15
12
130
26
22
165
33
28
195
39
33
ns
2.0
4.5
6.0
Fig.6
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
INPUT
UNIT LOAD COEFFICIENT
A, B, C, D, E, F, G, H
0.60
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to + 85
−40
to
+125
min. typ. max. min. max. min. max.
tPHL/ tPLH
propagation delay
A, B, C, D, E, F, G, H to Y
16
28
35
42
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6


同様の部品番号 - 74HC30

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
74HC30 ETC1-74HC30 Datasheet
137Kb / 4P
   8-INPUT NAND GATE
logo
Silicon Supplies
74HC30 SS-74HC30 Datasheet
435Kb / 5P
   High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC30 NEXPERIA-74HC30 Datasheet
233Kb / 13P
   8-input NAND gate
Rev. 9 - 6 September 2021
74HC30-Q100 NEXPERIA-74HC30-Q100 Datasheet
688Kb / 14P
   8-input NAND gate
74HC30-Q100 NEXPERIA-74HC30-Q100 Datasheet
229Kb / 13P
   8-input NAND gate
Rev. 2 - 9 February 2021
More results

同様の説明 - 74HC30

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
   8 Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
   8-input NAND Gate
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
   8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
   8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
   8-Input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
   8-Input NAND Gate
logo
Hitachi Semiconductor
HD14068B HITACHI-HD14068B Datasheet
67Kb / 7P
   8-input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC30A KODENSHI-KK74HC30A Datasheet
260Kb / 5P
   8-Input NAND Gate
logo
STMicroelectronics
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
138Kb / 8P
   8-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com