データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4048BM データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD4048BM
部品情報  CMOS Multifunction Expandable 8-Input Gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD4048BM データシート(HTML) 11 Page - Texas Instruments

Back Button CD4048BM Datasheet HTML 4Page - Texas Instruments CD4048BM Datasheet HTML 5Page - Texas Instruments CD4048BM Datasheet HTML 6Page - Texas Instruments CD4048BM Datasheet HTML 7Page - Texas Instruments CD4048BM Datasheet HTML 8Page - Texas Instruments CD4048BM Datasheet HTML 9Page - Texas Instruments CD4048BM Datasheet HTML 10Page - Texas Instruments CD4048BM Datasheet HTML 11Page - Texas Instruments CD4048BM Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


同様の部品番号 - CD4048BM

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4048BM TI1-CD4048BM Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BM96 TI1-CD4048BM96 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BM96G4 TI1-CD4048BM96G4 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
logo
Intersil Corporation
CD4048BMS INTERSIL-CD4048BMS Datasheet
144Kb / 11P
   CMOS Multifunction Expandable 8 Input Gate
December 1992
More results

同様の説明 - CD4048BM

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4048B TI1-CD4048B_15 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
logo
Intersil Corporation
CD4048BMS INTERSIL-CD4048BMS Datasheet
144Kb / 11P
   CMOS Multifunction Expandable 8 Input Gate
December 1992
logo
STMicroelectronics
HCC4048B STMICROELECTRONICS-HCC4048B Datasheet
280Kb / 12P
   MULTIFUNCTION EmULTIFUNCTION EXPANDABLE 8-INPUT GATE
logo
Micro Electronics
MMC4048 MICRO-ELECTRONICS-MMC4048 Datasheet
142Kb / 4P
   MULTIFUNCTION EXPANDALE 8-INPUT GATE
logo
Texas Instruments
CD4086B TI-CD4086B Datasheet
539Kb / 12P
[Old version datasheet]   CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Intersil Corporation
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Intersil Corporation
CD4068BMS INTERSIL-CD4068BMS Datasheet
65Kb / 8P
   CMOS 8 Input NAND/AND Gate
December 1992
logo
Texas Instruments
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
[Old version datasheet]   CMOS 8-input NOR/OR Gate
CD4068B TI-CD4068B Datasheet
182Kb / 10P
[Old version datasheet]   CMOS 8-INPUT NAND AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com