データシートサーチシステム |
|
CB1AH-DP-24V データシート(PDF) 3 Page - Nais(Matsushita Electric Works) |
|
CB1AH-DP-24V データシート(HTML) 3 Page - Nais(Matsushita Electric Works) |
3 / 4 page CB 381 2. Heat resistant type COIL DATA (at 20 °C 68°F) DIMENSIONS 1. PC board type Contact arrangement Mounting classification Coil voltage, V DC Part No. Sealed type Flux-resistant type 1 Form A PC board type 12V CB1a-T-P-12V CB1aF-T-P-12V 24V CB1a-T-P-24V CB1aF-T-P-24V Quick connect type 12V CB1a-T-12V CB1aF-T-12V 24V CB1a-T-24V CB1aF-T-24V Bracket type 12V CB1a-T-M-12V CB1aF-T-M-12V 24V CB1a-T-M-24V CB1aF-T-M-24V 1 Form C PC board type 12V CB1-T-P-12V CB1F-T-P-12V 24V CB1-T-P-24V CB1F-T-P-24V Quick connect type 12V CB1-T-12V CB1F-T-12V 24V CB1-T-24V CB1F-T-24V Bracket type 12V CB1-T-M-12V CB1F-T-M-12V 24V CB1-T-M-24V CB1F-T-M-24V Contact arrangement Nominal voltage, V DC Pick-up voltage, V DC (max.) Drop-out voltage, V DC (mim.) Nominal current, mA ( ±10%) Coil resistance, Ω (±10%) Nominal operating power, W Usable voltage range, V DC 1 Form A 1 Form C 12 3 to 7 1.2 to 4.2 117 103 1.4 10 to 16 24 6 to 14 2.4 to 8.4 75 320 1.8 20 to 32 High contact capacity (1 Form A) 12 3 to 7 1.2 to 4.2 150 80 1.8 10 to 16 mm inch 22.0 .866 26.0 1.024 2.15 .085 6.3 .248 4.5 .177 1.0 .039 25.0 .984 Venting hole Sealed by epoxy resin 0.8 .031 8.4 .331 16.8 .661 2.6 .102 17.9 .705 8.0 .315 8.4 .331 86 87a* 87 30 85 Dimension: General tolerance Max. 1mm .039 inch: ±0.1 ±.004 1 to 3mm .039 to .118 inch: ±0.2 ±.008 Min. 3mm .118 inch: ±0.3 ±.012 Schematic (Bottom view) 86 30 87 87a 85 86 Including diode (1 Form A) Including load (1 Form C) 87 85 86 87 87a 85 86 1a 1c 87 85 Including diode type, including load type also available. 2. Quick connect type 25.0 .984 11.0 .433 5-6.3 5-.248 26.0 1.024 22.0 .866 4.0 .157 1.7 dia. .067 dia. Venting hole Sealed by epoxy resin 0.8 .031 8.4 .331 16.8 .661 2.6 .102 17.9 .705 8.0 .315 8.4 .331 86 87a* 87 30 85 Dimension: General tolerance Max. 1mm .039 inch: ±0.1 ±.004 1 to 3mm .039 to .118 inch: ±0.2 ±.008 Min. 3mm .118 inch: ±0.3 ±.012 Schematic (Bottom view) 86 87 87a 85 86 1a 1c 87 85 Including diode type, including load type also available. |
同様の部品番号 - CB1AH-DP-24V |
|
同様の説明 - CB1AH-DP-24V |