データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT40103N データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74HCT40103N
部品情報  8-bit synchronous binary down counter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT40103N データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT40103N Datasheet HTML 4Page - NXP Semiconductors 74HCT40103N Datasheet HTML 5Page - NXP Semiconductors 74HCT40103N Datasheet HTML 6Page - NXP Semiconductors 74HCT40103N Datasheet HTML 7Page - NXP Semiconductors 74HCT40103N Datasheet HTML 8Page - NXP Semiconductors 74HCT40103N Datasheet HTML 9Page - NXP Semiconductors 74HCT40103N Datasheet HTML 10Page - NXP Semiconductors 74HCT40103N Datasheet HTML 11Page - NXP Semiconductors 74HCT40103N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
1998 Jul 08
8
Philips Semiconductors
Product specification
8-bit synchronous binary down counter
74HC/HCT40103
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆I
CC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
CP, PE
1.50
MR
1.00
TE
0.80
PL
0.35
Pn
0.25
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max.
min.
max. min.
max.
tPHL/ tPLH
propagation delay
CP to TC
35
60
75
90
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
TE to TC
23
40
50
60
ns
4.5
Fig.8
tPHL/ tPLH
propagation delay
PL to TC
44
75
94
112
ns
4.5
Fig.9
tPHL
propagation delay
MR to TC
29
55
69
83
ns
4.5
Fig.9
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Figs. 7 and 8
tW
clock pulse width
HIGH or LOW
33
10
41
50
ns
4.5
Fig.7
tW
master reset pulse width
LOW
30
16
38
45
ns
4.5
Fig.9
tW
preset enable pulse width
PL; LOW
38
22
48
57
ns
4.5
Fig.9
trem
removal time
MR to CP or PL to CP
10
1
13
15
ns
4.5
Fig.10
tsu
set-up time
PE to CP
20
11
25
30
ns
4.5
Fig.11
tsu
set-up time
TE to CP
40
20
50
60
ns
4.5
Fig.11


同様の部品番号 - 74HCT40103N

メーカー部品番号データシート部品情報
logo
Integrated Circuit Syst...
74HCT40103N ICST-74HCT40103N Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
More results

同様の説明 - 74HCT40103N

メーカー部品番号データシート部品情報
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC40103 NEXPERIA-74HC40103 Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
Texas Instruments
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com