データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4046A データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74HC4046A
部品情報  Phase-locked-loop with VCO
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4046A データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74HC4046A Datasheet HTML 2Page - NXP Semiconductors 74HC4046A Datasheet HTML 3Page - NXP Semiconductors 74HC4046A Datasheet HTML 4Page - NXP Semiconductors 74HC4046A Datasheet HTML 5Page - NXP Semiconductors 74HC4046A Datasheet HTML 6Page - NXP Semiconductors 74HC4046A Datasheet HTML 7Page - NXP Semiconductors 74HC4046A Datasheet HTML 8Page - NXP Semiconductors 74HC4046A Datasheet HTML 9Page - NXP Semiconductors 74HC4046A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
1997 Nov 25
6
Philips Semiconductors
Product specification
Phase-locked-loop with VCO
74HC/HCT4046A
MGA847
PHASE
COMPARATOR
2
LOCK
DETECTOR
PC2 OUT
LD
13
1
identical to 4046A
CLD
C
CLD
15
7046A
PHASE
COMPARATOR
2
PC2 OUT 13
PHASE
COMPARATOR
3
PC3 OUT 15
PHASE
COMPARATOR
1
PC1 OUT 2
PCPOUT 1
SIG IN
COMP IN
VCO OUT
C1A
C1B
DEMOUT
INH
VCO IN
R2
R1
R2
12
11
314
4
7
6
510
9
(a)
(b)
C1
4046A
VCO
R S
R1
R4
R3
C2
Fig.4 Functional diagram.
(a)
(b)
Fig.5 Logic diagram.


同様の部品番号 - 74HC4046A

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC4046A NEXPERIA-74HC4046A Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
74HC4046AD NEXPERIA-74HC4046AD Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
74HC4046ADB NEXPERIA-74HC4046ADB Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
74HC4046APW NEXPERIA-74HC4046APW Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
More results

同様の説明 - 74HC4046A

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HCT4046A NEXPERIA-74HCT4046A Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com