データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4040DB データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74HC4040DB
部品情報  12-stage binary ripple counter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4040DB データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74HC4040DB Datasheet HTML 7Page - NXP Semiconductors 74HC4040DB Datasheet HTML 8Page - NXP Semiconductors 74HC4040DB Datasheet HTML 9Page - NXP Semiconductors 74HC4040DB Datasheet HTML 10Page - NXP Semiconductors 74HC4040DB Datasheet HTML 11Page - NXP Semiconductors 74HC4040DB Datasheet HTML 12Page - NXP Semiconductors 74HC4040DB Datasheet HTML 13Page - NXP Semiconductors 74HC4040DB Datasheet HTML 14Page - NXP Semiconductors 74HC4040DB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
74HC_HCT4040_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 14 September 2005
11 of 24
Philips Semiconductors
74HC4040; 74HCT4040
12-stage binary ripple counter
12. Dynamic characteristics
Table 9:
Dynamic characteristics for type 74HC4040
GND = 0 V; tr = tf = 6 ns. For test circuit see Figure 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay CP to Q0
see Figure 8
VCC = 2.0 V; CL = 50 pF
-
47
150
ns
VCC = 4.5 V; CL = 50 pF
-
17
30
ns
VCC = 5.0 V; CL =15pF
-
14
-
ns
VCC = 6.0 V; CL = 50 pF
-
14
26
ns
propagation delay Qn to Qn+1
see Figure 8
VCC = 2.0 V; CL = 50 pF
-
28
100
ns
VCC = 4.5 V; CL = 50 pF
-
10
20
ns
VCC = 5.0 V; CL =15pF
-
8
-
ns
VCC = 6.0 V; CL =50pF
-
8
17
ns
tPHL
propagation delay MR to Qn
see Figure 8
VCC =2.0 V; CL = 50 pF
-
61
185
ns
VCC = 4.5 V; CL = 50 pF
-
22
37
ns
VCC = 6.0 V; CL = 50 pF
-
18
31
ns
tTHL, tTLH
output transition time
see Figure 8
VCC = 2.0 V; CL = 50 pF
-
19
75
ns
VCC = 4.5 V; CL =50pF
-
7
15
ns
VCC = 6.0 V; CL =50pF
-
6
13
ns
tW
clock pulse width HIGH or LOW
see Figure 8
VCC = 2.0 V; CL =50pF
80
14
-
ns
VCC = 4.5 V; CL =50pF
16
5
-
ns
VCC = 6.0 V; CL =50pF
14
4
-
ns
master reset pulse width; HIGH
see Figure 8
VCC = 2.0 V; CL =50pF
80
22
-
ns
VCC = 4.5 V; CL =50pF
16
8
-
ns
VCC = 6.0 V; CL =50pF
14
6
-
ns
trec
recovery time MR to CP
see Figure 8
VCC = 2.0 V; CL =50pF
50
8
-
ns
VCC = 4.5 V; CL =50pF
10
3
-
ns
VCC = 6.0 V; CL =50pF
9
2
-
ns
fmax
maximum operating frequency
see Figure 8
VCC = 2.0 V; CL = 50 pF
6.0
27
-
MHz
VCC = 4.5 V; CL =50pF
30
82
-
MHz
VCC = 5.0 V; CL = 15 pF
-
90
-
MHz
VCC = 6.0 V; CL =50pF
35
98
-
MHz
CPD
power dissipation capacitance
-
20
-
pF


同様の部品番号 - 74HC4040DB

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC4040DB-Q100 NEXPERIA-74HC4040DB-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
More results

同様の説明 - 74HC4040DB

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040_15 Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
   12-stage binary ripple counter
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com