データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4059N3 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74HC4059N3
部品情報  Programmable divide-by-n counter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4059N3 データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74HC4059N3 Datasheet HTML 5Page - NXP Semiconductors 74HC4059N3 Datasheet HTML 6Page - NXP Semiconductors 74HC4059N3 Datasheet HTML 7Page - NXP Semiconductors 74HC4059N3 Datasheet HTML 8Page - NXP Semiconductors 74HC4059N3 Datasheet HTML 9Page - NXP Semiconductors 74HC4059N3 Datasheet HTML 10Page - NXP Semiconductors 74HC4059N3 Datasheet HTML 11Page - NXP Semiconductors 74HC4059N3 Datasheet HTML 12Page - NXP Semiconductors 74HC4059N3 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1998 Jul 08
9
Philips Semiconductors
Product specification
Programmable divide-by-n counter
74HC/HCT4059
DC CHARACTERISTIC FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
Note
1. From master preset mode to any other mode.
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max. min. max.
min. max.
tPHL/ tPLH
propagation delay
CP to Q
58
200
250
300
ns
2.0
Fig.7
21
40
50
60
4.5
17
34
43
51
6.0
tPHL/ tPLH
propagation delay
LE to Q
50
175
220
265
ns
2.0
Fig.8
18
35
44
53
4.5
14
30
37
45
6.0
tTHL/ tTLH
output transition time
19
75
95
110
ns
2.0
Fig.7
7
15
19
22
4.5
6
13
16
19
6.0
tW
clock pulse width
CP
90
7
115
135
ns
2.0
Fig.7
18
6
23
27
4.5
15
5
90
23
6.0
trem
removal time
Kb, Kc to CP
75
19
95
110
ns
2.0
Fig.9; note 1
15
7
19
22
4.5
13
6
16
19
6.0
fmax
maximum clock pulse
frequency
4.2
12
3.4
2.8
MHz
2.0
Fig.7
21
36
17
14
4.5
25
43
20
17
6.0


同様の部品番号 - 74HC4059N3

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
   Hex high-to-low level shifter
December 1990
logo
Nexperia B.V. All right...
74HC4050 NEXPERIA-74HC4050 Datasheet
219Kb / 11P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
   Hex non-inverting HIGH-to-LOW level shifter
logo
Toshiba Semiconductor
74HC4050AF TOSHIBA-74HC4050AF Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
NXP Semiconductors
74HC4050D PHILIPS-74HC4050D Datasheet
40Kb / 7P
   Hex high-to-low level shifter
December 1990
More results

同様の説明 - 74HC4059N3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HEF4059BT-652 ETC2-HEF4059BT-652 Datasheet
61Kb / 6P
   Programmable divide-by-n counter
logo
NXP Semiconductors
HEF4059B PHILIPS-HEF4059B Datasheet
58Kb / 6P
   Programmable divide-by-n counter
January 1995
logo
Texas Instruments
CD4059AE TI1-CD4059AE Datasheet
533Kb / 14P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A_15 Datasheet
520Kb / 13P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A Datasheet
588Kb / 16P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
CD4059A TI-CD4059A Datasheet
394Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
Texas Instruments
CD4522BE TI1-CD4522BE Datasheet
527Kb / 15P
[Old version datasheet]   CMOS Programmable BCD Divide-by-N Counter
logo
STMicroelectronics
HCC4018B STMICROELECTRONICS-HCC4018B Datasheet
273Kb / 12P
   PRESETTABLE DIVIDE-BY-N COUNTER
logo
R & E International, In...
SCL4018B RANDE-SCL4018B Datasheet
259Kb / 1P
   PRESTTABLE DIVIDE-BY-N COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com