データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM85C30-8JC データシート(PDF) 10 Page - Advanced Micro Devices

部品番号 AM85C30-8JC
部品情報  Enhanced Serial Communications Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-8JC データシート(HTML) 10 Page - Advanced Micro Devices

Back Button AM85C30-8JC Datasheet HTML 6Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 7Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 8Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 9Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 10Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 11Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 12Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 13Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
AMD
10
Am85C30
Data Path
The transmit and receive data path illustrated in Figure 2
is identical for both channels. The receiver has three
8-bit buffer registers in a FIFO arrangement, in addition
to the 8-bit receive shift register. This scheme creates
additional time for the CPU to service an interrupt at the
beginning of a block of high-speed data. Incoming data
are routed through one of several paths (data or CRC)
depending on the selected mode (the character length
in asynchronous modes also determines the data path).
The transmitter has an 8-bit transmit data buffer register
loaded from the internal data bus and a 20-bit transmit
shift register that can be loaded either from the sync-
character registers or from the transmit data register.
Depending on the operational mode, outgoing data are
routed through one of four main paths before they are
transmitted from the Transmit Data output (TxD).
Table 1. Read and Write Register Functions
Write Register Functions
RR0
Transmit/Receive buffer status and External
status
RR1
Special Receive Condition status
(also 10
× 19 bit FIFO Frame Reception Status if
WR15 bit D2 is set)
RR2
Modified interrupt vector
(Channel B only)
Unmodified interrupt vector
(Channel A only)
RR3
Interrupt Pending bits
(Channel A only)
RR6
LSB Byte Count (14-bit counter)
(if WR15 bit D2 set)
RR7
MSB Byte Count (14-bit counter)
and 10
× 19 bit FIFO Status (if WR15 bit D
2
is set)
RR8
Receive buffer
RR10
Miscellaneous XMTR, RCVR status
RR12
Lower byte of baud rate generator time constant
RR13
Upper byte of baud rate generator time constant
RR15
External/Status interrupt information
WR0
Command Register, Register Pointers CRC
initialize, initialization commands for the various
modes, shift right/shift left command
WR1
Interrupt conditions and data transfer mode
definition
WR2
Interrupt vector (accessed through either channel)
WR3
Receive parameters and control
WR4
Transmit/Receive miscellaneous parameters and
modes
WR5
Transmit parameters and controls
WR6
Sync character or SDLC address field
WR7
Sync character or SDLC flag
WR7
SDLC/HDLC enhancements (if bit D0 of WR15 is
set)
WR8
Transmit buffer
WR9
Master interrupt control and reset (accessed
through either channel)
WR10
Miscellaneous transmitter/receiver control bits,
data encoding
WR11
Clock mode control, Rx and Tx clock source
WR12
Lower byte of baud rate generator time constant
WR13
Upper byte of baud rate generator time constant
WR14
Miscellaneous control bits, DPLL control
WR15
External/Status interrupt control
Read Register Functions
Write Register Functions


同様の部品番号 - AM85C30-8JC

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
797Kb / 194P
   Serial Communications Controller
More results

同様の説明 - AM85C30-8JC

メーカー部品番号データシート部品情報
logo
Zilog, Inc.
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z85230 ZILOG-Z85230 Datasheet
1Mb / 120P
   ENHANCED SERIAL COMMUNICATIONS CONTROLLER
Z8523020PSG ZILOG-Z8523020PSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523016VEG ZILOG-Z8523016VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
   Serial Communications Controller
Z16C3510VSG ZILOG-Z16C3510VSG Datasheet
2Mb / 63P
   INTEGRATED SERIAL COMMUNICATIONS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com