データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4316D データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74HC4316D
部品情報  Quad bilateral switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4316D データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74HC4316D Datasheet HTML 7Page - NXP Semiconductors 74HC4316D Datasheet HTML 8Page - NXP Semiconductors 74HC4316D Datasheet HTML 9Page - NXP Semiconductors 74HC4316D Datasheet HTML 10Page - NXP Semiconductors 74HC4316D Datasheet HTML 11Page - NXP Semiconductors 74HC4316D Datasheet HTML 12Page - NXP Semiconductors 74HC4316D Datasheet HTML 13Page - NXP Semiconductors 74HC4316D Datasheet HTML 14Page - NXP Semiconductors 74HC4316D Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
September 1993
11
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4316
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VEE
(V)
OTHER
+25
−40 TO +85 −40 to +125
min. typ. max. min.
max.
min.
max.
tPHL/ tPLH
propagation delay
Vis to Vos
6
4
12
8
15
10
18
12
ns
4.5
4.5
0
−4.5
RL = ∞;
CL = 50 pF
(see Fig.18)
tPZH
turn “ON” time
E to Vos
22
21
44
42
55
53
66
63
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)
tPZL
turn “ON” time
E to Vos
28
21
56
42
70
53
84
63
ns
4.5
4.5
0
−4.5
tPZH
turn “ON” time
nS to Vos
20
17
40
34
53
43
60
51
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)
tPZL
turn “ON” time
nS to Vos
25
17
50
34
63
43
75
51
ns
4.5
4.5
0
−4.5
tPHZ/ tPLZ
turn “OFF” time
E to Vos
25
23
50
46
63
58
75
69
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)
tPHZ/ tPLZ
turn “OFF” time
nS to Vos
22
20
44
40
55
50
66
60
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)


同様の部品番号 - 74HC4316D

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC4316D NEXPERIA-74HC4316D Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
More results

同様の説明 - 74HC4316D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com