データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4510DB データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74HC4510DB
部品情報  BCD up/down counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4510DB データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74HC4510DB Datasheet HTML 4Page - NXP Semiconductors 74HC4510DB Datasheet HTML 5Page - NXP Semiconductors 74HC4510DB Datasheet HTML 6Page - NXP Semiconductors 74HC4510DB Datasheet HTML 7Page - NXP Semiconductors 74HC4510DB Datasheet HTML 8Page - NXP Semiconductors 74HC4510DB Datasheet HTML 9Page - NXP Semiconductors 74HC4510DB Datasheet HTML 10Page - NXP Semiconductors 74HC4510DB Datasheet HTML 11Page - NXP Semiconductors 74HC4510DB Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
December 1990
9
Philips Semiconductors
Product specification
BCD up/down counter
74HC/HCT4510
trem
removal time
MR to CP
23
13
29
35
ns
4.5
Fig.10
trem
removal time
PL to CP
17
10
21
26
ns
4.5
Fig.10
tsu
set-up time
UP/DN to CP
20
12
25
30
ns
4.5
Fig.8
tsu
set-up time
CE to CP
20
6
25
30
ns
4.5
Fig.8
tsu
set-up time
Dn to PL
20
6
25
30
ns
4.5
Fig.11
th
hold time
CE to CP
5
0
5
5
ns
4.5
Fig.8
th
hold time
Dn to PL
5
0
5
5
ns
4.5
Fig.11
th
hold time
UP/DN to CP
0
−5
0
0
ns
4.5
Fig.8
fmax
maximum clock pulse
frequency
30
53
24
20
MHz
4.5
Fig.7
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
AC WAVEFORMS
Fig.7
Waveforms showing the clock (CP) to
output (Qn) and terminal count (TC)
propagation delays, the clock pulse width
and the maximum clock pulse frequency.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the set-up and hold
times from count enable (CE) and
up/down (UP/DN) control inputs to the
clock pulse (CP), the propagation delays
from UP/DN, CE to TC.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


同様の部品番号 - 74HC4510DB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC4511 PHILIPS-74HC4511 Datasheet
80Kb / 12P
   BCD to 7-segment latch/decoder/driver
December 1990
logo
Nexperia B.V. All right...
74HC4511 NEXPERIA-74HC4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
NXP Semiconductors
74HC4511D PHILIPS-74HC4511D Datasheet
80Kb / 12P
   BCD to 7-segment latch/decoder/driver
December 1990
logo
Nexperia B.V. All right...
74HC4511D NEXPERIA-74HC4511D Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
NXP Semiconductors
74HC4511N PHILIPS-74HC4511N Datasheet
80Kb / 12P
   BCD to 7-segment latch/decoder/driver
December 1990
More results

同様の説明 - 74HC4510DB

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
   BCD Up/Down Counter
logo
Motorola, Inc
MC14510B MOTOROLA-MC14510B Datasheet
284Kb / 10P
   BCD Up/Down Counter
logo
NXP Semiconductors
HEF4510B PHILIPS-HEF4510B Datasheet
135Kb / 10P
   BCD up/down counter
January 1995
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B_02 Datasheet
484Kb / 11P
   PRESETTABLE BCD UP/DOWN COUNTER
logo
List of Unclassifed Man...
SCL4510B ETC1-SCL4510B Datasheet
742Kb / 4P
   CMOS BCD UP/DOWN COUNTER
logo
Toshiba Semiconductor
TC40H192P TOSHIBA-TC40H192P Datasheet
347Kb / 7P
   SYNCHRONOUS BCD UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
NXP Semiconductors
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com