データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8230YRZ-REEL データシート(PDF) 7 Page - Analog Devices

部品番号 AD8230YRZ-REEL
部品情報  16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8230YRZ-REEL データシート(HTML) 7 Page - Analog Devices

Back Button AD8230YRZ-REEL Datasheet HTML 3Page - Analog Devices AD8230YRZ-REEL Datasheet HTML 4Page - Analog Devices AD8230YRZ-REEL Datasheet HTML 5Page - Analog Devices AD8230YRZ-REEL Datasheet HTML 6Page - Analog Devices AD8230YRZ-REEL Datasheet HTML 7Page - Analog Devices AD8230YRZ-REEL Datasheet HTML 8Page - Analog Devices AD8230YRZ-REEL Datasheet HTML 9Page - Analog Devices AD8230YRZ-REEL Datasheet HTML 10Page - Analog Devices AD8230YRZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8230
Rev. 0 | Page 7 of 16
VREF (V)
–40
–30
–20
–10
0
10
20
30
40
–0.5
0
–1.5
–1.0
0.5
1.0
1.5
NORMALIZED FOR VREF = 0V
Figure 10. Offset Voltage (RTI) vs. Reference Voltage
FREQUENCY (Hz)
60
70
80
90
100
110
120
130
10
100
1k
10k
CMR WITH NO SOURCE IMBALANCE
CMR WITH 1k SOURCE IMBALANCE
40
50
Figure 11. Common-Mode Rejection vs. Frequency
SOURCE IMPEDANCE (k
Ω)
110
112
114
116
118
120
122
124
126
128
130
46
02
8
10
12
±5V SUPPLY
±8V SUPPLY
Figure 12. Common-Mode Rejection vs.
Source Impedance, 1.1 µF Across Input Pins
TEMPERATURE (
°C)
5.4k
5.6k
5.8k
6.0k
6.2k
6.4k
6.6k
6.8k
–50
–30
–10
10
30
50
70
90
110
130
±8V
±5V
Figure 13. Clock Frequency vs. Temperature
COMMON-MODE VOLTAGE (V)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–2
0
–6
–4
246
–40
°C
+25
°C
+85
°C
0
°C
+125
°C
Figure 14. Average Input Bias Current vs. Common-Mode Voltage
−40°C, +25°C, +85°C, +125°C
TEMPERATURE (
°C)
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
0
–50
50
100
150
±8V
±5V
Figure 15. Supply Current vs. Temperature


同様の部品番号 - AD8230YRZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8230YRZ-REEL1 AD-AD8230YRZ-REEL1 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230YRZ-REEL71 AD-AD8230YRZ-REEL71 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
More results

同様の説明 - AD8230YRZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com