データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC583 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74HC583
部品情報  4-bit full adder with fast carry
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC583 データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74HC583 Datasheet HTML 3Page - NXP Semiconductors 74HC583 Datasheet HTML 4Page - NXP Semiconductors 74HC583 Datasheet HTML 5Page - NXP Semiconductors 74HC583 Datasheet HTML 6Page - NXP Semiconductors 74HC583 Datasheet HTML 7Page - NXP Semiconductors 74HC583 Datasheet HTML 8Page - NXP Semiconductors 74HC583 Datasheet HTML 9Page - NXP Semiconductors 74HC583 Datasheet HTML 10Page - NXP Semiconductors 74HC583 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
1998 Mar 31
7
Philips Semiconductors
Product specification
4-bit full adder with fast carry
74HC/HCT583
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆I
CC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
tPHL/ tPLH
propagation delay
Bn to Cn+4
74
230
290
345
ns
2.0
Fig.6
27
46
58
69
4.5
22
39
49
59
6.0
tTHL/ tTLH
output transition time
standard outputs
19
75
95
110
ns
2.0
Fig.6
7
15
19
22
4.5
6
13
16
19
6.0
INPUT
UNIT LOAD COEFFICIENT
An, Bn
0.4
CIN
1.5
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max
.


同様の部品番号 - 74HC583

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC58 PHILIPS-74HC58 Datasheet
35Kb / 5P
   Dual AND-OR gate
December 1990
logo
Motorola, Inc
74HC589 MOTOROLA-74HC589 Datasheet
266Kb / 10P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High-Performance Silicon-Gate CMOS
logo
NXP Semiconductors
74HC58D PHILIPS-74HC58D Datasheet
35Kb / 5P
   Dual AND-OR gate
December 1990
74HC58DB PHILIPS-74HC58DB Datasheet
35Kb / 5P
   Dual AND-OR gate
December 1990
74HC58N PHILIPS-74HC58N Datasheet
35Kb / 5P
   Dual AND-OR gate
December 1990
More results

同様の説明 - 74HC583

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com