データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD2419-B08400 データシート(PDF) 4 Page - Bourns Electronic Solutions

部品番号 CD2419-B08400
部品情報  CD2419-B08200~B08800 Surface Mount Bridge Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD2419-B08400 データシート(HTML) 4 Page - Bourns Electronic Solutions

  CD2419-B08400 Datasheet HTML 1Page - Bourns Electronic Solutions CD2419-B08400 Datasheet HTML 2Page - Bourns Electronic Solutions CD2419-B08400 Datasheet HTML 3Page - Bourns Electronic Solutions CD2419-B08400 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Reliable Electronic Solutions
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Packaging Information
REV. 07/06
CD2419-B08200~B08800 Surface Mount Bridge Rectifier Diode
The surface mount product is packaged in an 12 mm x 8 mm tape and reel format per EIA-481 standard.
.......
.......
....... .......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
MM
(INCHES)
DIMENSIONS:
Item
Symbol
2419
Carrier Width
A
5.10 ±0.10
(0.200 - 0.004)
Carrier Length
B
6.50 ±0.10
(0.256 - 0.004)
Carrier Depth
C
1.50 ±0.10
(0.059 - 0.004)
Sprocket Hole
d
1.55 ±0.05
(0.061 - 0.002)
Reel Outside Diameter
D
330
(12.992)
Reel Inner Diameter
D1
50.0
(1.969)
Min.
Feed Hole Diameter
D2
13.0 ±0.20
(0.512 - 0.008)
Sprocket Hole Position
E
1.75 ±0.10
(0.069 - 0.004)
Punch Hole Position
F
5.50 ±0.05
(0.217 - 0.002)
Punch Hole Pitch
P
8.00 ±0.10
(0.315 - 0.004)
Sprocket Hole Pitch
P0
4.00 ±0.10
(0.157 - 0.004)
Embossment Center
P1
2.00 ±0.05
(0.079 - 0.002)
Overall Tape Thickness
T
0.20 ±0.10
(0.008 - 0.004)
Tape Width
W
12.00 ±0.20
(0.472 - 0.008)
Reel Width
W1
18.7
(0.736)
Max.
Quantity per Reel
5,000


同様の部品番号 - CD2419-B08400

メーカー部品番号データシート部品情報
logo
American Microsemicondu...
CD2412 AMMSEMI-CD2412 Datasheet
1Mb / 3P
   CN* Fast Recovery Dual Diode Modules
logo
Powerex Power Semicondu...
CD241202 POWEREX-CD241202 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 20 Amperes/600-1200 Volts
CD241210 POWEREX-CD241210 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts
CD241250 POWEREX-CD241250 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
CD241250 POWEREX-CD241250 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
More results

同様の説明 - CD2419-B08400

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CDNBS04-B08200 BOURNS-CDNBS04-B08200 Datasheet
394Kb / 4P
   CDNBS04-B08200~B08800 Surface Mount Rectifier
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
   Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-DF4XXS BOURNS-CD-DF4XXS Datasheet
279Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-HD0X BOURNS-CD-HD0X Datasheet
267Kb / 4P
   Surface Mount Schottky Bridge Rectifier Diode
CD-HD2X BOURNS-CD-HD2X Datasheet
298Kb / 5P
   Surface Mount Schottky Bridge Rectifier Diode
CD-MMBL110S BOURNS-CD-MMBL110S Datasheet
183Kb / 5P
   CD-MMBL110S Surface Mount Bridge Rectifier Diode
10/21
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
   Surface Mount Bridge Rectifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com