データシートサーチシステム |
|
CD214B-T100A データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
CD214B-T100A データシート(HTML) 3 Page - Bourns Electronic Solutions |
3 / 5 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. CD214B Transient Voltage Suppressor Diode Series Product Dimensions Recommended Pad Layout Physical Specifications Case ............................................Molded plastic per UL Class 94V-0 Polarity ........................Cathode band indicates unidirectional device No cathode band indicates bidirectional device Weight ....................................................0.003 ounces / 0.093 grams Dimension SMB (DO-214AA) A 4.06 - 4.57 (0.160 - 0.180) B 3.30 - 3.94 (0.130 - 0.155) C 1.96 - 2.21 (0.077 - 0.087) D 0.15 - 0.31 (0.006 - 0.112) E 5.21 - 5.59 (0.205 - 0.220) F 0.05 - 0.20 (0.002 - 0.008) G 2.01 - 2.62 (0.080 - 0.103) H 0.76 - 1.52 (0.030 - 0.060) B G F D C H E A A C B MM (INCHES) DIMENSIONS: Dimension SMB (DO-214AA) A (Max.) 2.69 (0.106) B (Min.) 2.10 (0.083) C (Min.) 1.27 (0.050) MM (INCHES) DIMENSIONS: |
同様の部品番号 - CD214B-T100A |
|
同様の説明 - CD214B-T100A |