データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

540MW7C データシート(PDF) 3 Page - HB Electronic Components

部品番号 540MW7C
部品情報  LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

540MW7C データシート(HTML) 3 Page - HB Electronic Components

  540MW7C Datasheet HTML 1Page - HB Electronic Components 540MW7C Datasheet HTML 2Page - HB Electronic Components 540MW7C Datasheet HTML 3Page - HB Electronic Components 540MW7C Datasheet HTML 4Page - HB Electronic Components 540MW7C Datasheet HTML 5Page - HB Electronic Components 540MW7C Datasheet HTML 6Page - HB Electronic Components 540MW7C Datasheet HTML 7Page - HB Electronic Components 540MW7C Datasheet HTML 8Page - HB Electronic Components 540MW7C Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Bin Code
IV(mcd)
Bin Code
IV(mcd) Bin Code
IV(mcd)
Bin Code IV(mcd)
A
0-5.0
H
37.2-52.0
Q
390-550
X
4180--5860
B
5.0-7.0
J
52.0-72.8
R
550-770
Y
5860-8200
C
7.0-9.8
K
72.8-102
S
770-1100
Z1
8-10cd
D
9.8-13.7
L
102-145
T
1100-1520
Z2
10-12cd
E
13.7-19.0
M
145-200
U
1520-2130
Z3
12-14cd
F
19.0-26.6
N
200-280
V
2130-3000
Z4
14-16cd
G
26.6-37.2
P
280-390
W
3000-4180
Z5
16-18cd
PLACING OF WHITE COLOR BINS ON CIE TABLE
B1
450-455
YG1
555-558
B2
455-460
YG2
558-561
B3
460-465
YG3
561-564
B4
465-470
YG4
564-567
B5
470-475
YG5
567-570
B6
475-480
YG6
570-573
G1
491-494
YG7
573-576
G2
494-497
Y1
582-585
G3
497-500
Y2
585-588
G4
500-503
Y3
588-591
G5
503-506
Y4
591-594
G6
506-509
Y5
594-597
G7
509-512
YO1
597-600
G8
512-515
YO2
600-603
G9
515-518
YO3
603-606
G10
518-521
YO4
606-609
G11
521-524
O1
609-612
G12
524-527
O2
612-615
G13
527-530
O3
615-618
G14
530-533
R1
618-621
G15
533-536
R2
621-624
G16
536-539
R3
624-627
G17
539-542
R4
627-630
G18
542-545
R5
630-633
G19
545-548
R6
633-636
Bin Code
VF (V)
Bin Code
VF (V) Bin Code
VF (V)
Bin Code
VF (V)
V1
1.6-1.8
V5
2.4-2.6
V9
3.2-3.4
V13
4.0-4.2
V2
1.8-2.0
V6
2.6-2.8
V10
3.4-3.6
V14
4.2-4.4
V3
2.0-2.2
V7
2.8-3.0
V11
3.6-3.8
V15
4.4-4.6
V4
2.2-2.4
V8
3.0-3.2
V12
3.8-4.0
V16
4.6-4.8
BRIGHTNESS BIN
YELLOW
YELLOW
ORANGE
PURE
ORANGE
YELLOW
GREEN
BLUE
GREEN
FORWARD VOLTAGE (VF) BIN
RED
BLUE
FOR WHITE COLOR BINS SEE PAGE 3B
PURE
GREEN
BIN ranking for LEDs
Page:
3A


同様の部品番号 - 540MW7C

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
540MR2C HB-540MR2C Datasheet
197Kb / 3P
   LED
540MY8C HB-540MY8C Datasheet
183Kb / 9P
   LED
More results

同様の説明 - 540MW7C

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com