データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

540PB6C データシート(PDF) 2 Page - HB Electronic Components

部品番号 540PB6C
部品情報  LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

540PB6C データシート(HTML) 2 Page - HB Electronic Components

  540PB6C Datasheet HTML 1Page - HB Electronic Components 540PB6C Datasheet HTML 2Page - HB Electronic Components 540PB6C Datasheet HTML 3Page - HB Electronic Components 540PB6C Datasheet HTML 4Page - HB Electronic Components 540PB6C Datasheet HTML 5Page - HB Electronic Components 540PB6C Datasheet HTML 6Page - HB Electronic Components 540PB6C Datasheet HTML 7Page - HB Electronic Components 540PB6C Datasheet HTML 8Page - HB Electronic Components 540PB6C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LED SPECIFICATION
Absolute maximum ratings(Ta = 25℃)
Value
Parameter
Symbol
Test Condition
Min.
Max.
Unit
Reverse Voltage
VR
IR = 30μA
5
--
V
Forward Current
IF
----
----
30
mA
Power Dissipation
Pd
----
----
105
mW
Pulse Current
Ipeak
Duty=0.1mS,1kHz
----
100
mA
Operating Temperature
Topr
----
-20
+85
Storage Temperature
Tstr
----
-25
+100
Electrical and optical characteristics (Ta = 25℃)
Value
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20mA
V7~V9
Reverse Current
IR
VR = 5V
----
----
30
μ
A
Dominate Wavelength
λd
IF = 20mA
B3~B5
Spectral Line half-width
Δλ
IF = 20mA
----
22
----
nm
Luminous Intensity
IV
IF = 20mA
T,U
Viewing Angle
1/2
IF = 20mA
35
45
Deg.
Page:
2


同様の部品番号 - 540PB6C

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
540PG0C HB-540PG0C Datasheet
158Kb / 9P
   LED
540PG2C HB-540PG2C Datasheet
660Kb / 9P
   LED
540PR2C HB-540PR2C Datasheet
199Kb / 3P
   LED
540PWC HB-540PWC Datasheet
116Kb / 5P
   5MM LED
540PY9C HB-540PY9C Datasheet
135Kb / 9P
   LED
More results

同様の説明 - 540PB6C

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com