データシートサーチシステム |
|
540PG2C データシート(PDF) 1 Page - HB Electronic Components |
|
540PG2C データシート(HTML) 1 Page - HB Electronic Components |
1 / 9 page LED SPECIFICATION Page: 1 Features Single color High bright output Low power consumption High reliability and long life Descriptions: Dice material: InGaN Emitting Color: Super Bright Pure Green Device Outline: φ 5mm Round Type/ 5mm Lens Type: Water Clear 1. All dimensions are millimeters 2. Tolerance is +/-0.25mm unless otherwise noted 540PG2C Directivity: Radiation Angle 30° 0° 1.0 60° 1.0 90° 0.5 0° 0.5 60° 90° 0 30° Ta=25° C IF=20mA |
同様の説明 - 540PG2C |