データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

540VW6C データシート(PDF) 9 Page - HB Electronic Components

部品番号 540VW6C
部品情報  LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

540VW6C データシート(HTML) 9 Page - HB Electronic Components

Back Button 540VW6C Datasheet HTML 2Page - HB Electronic Components 540VW6C Datasheet HTML 3Page - HB Electronic Components 540VW6C Datasheet HTML 4Page - HB Electronic Components 540VW6C Datasheet HTML 5Page - HB Electronic Components 540VW6C Datasheet HTML 6Page - HB Electronic Components 540VW6C Datasheet HTML 7Page - HB Electronic Components 540VW6C Datasheet HTML 8Page - HB Electronic Components 540VW6C Datasheet HTML 9Page - HB Electronic Components 540VW6C Datasheet HTML 10Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LEAD STRENGTH
1) Bend strength
Do not bend the lead more than twice. (Fig.9)
2) Tensile strength (@Room Temperature)
If the force is 1kg or less, there will be no problem. (Fig.10)
HANDLING PRECAUTIONS
Although rigid against vibration, the LEDs may damaged or scratched if dropped. So take care
when handling.
CHEMICAL RESISTANCE
1) Avoid exposure to chemicals as it may attack the LED surface and cause discoloration.
2) When washing is required, refer to the following table for the proper chemical to be sued.
(Immersion time: within 3 minutes at room temperature.)
SOLVENT
ADAPTABILITY
Freon TE
Chlorothene
Isopropyl Alcohol
Thinner
Acetone
Trichloroethylene
--Usable
--Do not use.
Page :
8
Fig.9
OK!
Fig.10
1Kg
NOTE: Influences of ultrasonic cleaning of the LED
resin body differ depending on such factors
as the oscillator output, size of the PC board
and the way in which the LED is mounted.
Therefore, ultrasonic cleaning should only be
performed after confirming there is no problem by
conducting a test under practical.
LED LAMP
APPLICATION


同様の部品番号 - 540VW6C

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
540VG2C HB-540VG2C Datasheet
774Kb / 9P
   LED
540VUV0C HB-540VUV0C Datasheet
214Kb / 3P
   LED
More results

同様の説明 - 540VW6C

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com