データシートサーチシステム |
|
LM4040A82IDCKR データシート(PDF) 4 Page - Texas Instruments |
|
|
LM4040A82IDCKR データシート(HTML) 4 Page - Texas Instruments |
4 / 43 page www.ti.com LM4040 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006 ORDERING INFORMATION (continued) DEVICE ORDERABLE TOP-SIDE TA VKA PACKAGE(1) GRADE PART NUMBER MARKING(2) SC-70 (DCK) Reel of 3000 LM4040C20IDCKR MV_ Reel of 3000 LM4040C20IDBZR SOT-23-3 (DBZ) 4MQ_ 2.048 V Reel of 250 LM4040C20IDBZT Bulk of 1000 LM4040C20ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040C20ILPR SC-70 (DCK) Reel of 3000 LM4040C25IDCKR M4_ Reel of 3000 LM4040C25IDBZR SOT-23-3 (DBZ) 4MU_ 2.5 V Reel of 250 LM4040C25IDBZT Bulk of 1000 LM4040C25ILP TO-92/TO-226 (LP) NCF25I Reel of 2000 LM4040C25ILPR SC-70 (DCK) Reel of 3000 LM4040C30IDCKR PB_ Reel of 3000 LM4040C30IDBZR SOT-23-3 (DBZ) 4M8_ 3 V Reel of 250 LM4040C30IDBZT Bulk of 1000 LM4040C30ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040C30ILPR C grade: SC-70 (DCK) Reel of 3000 LM4040C41IDCKR P6_ 0.5% initial Reel of 3000 LM4040C41IDBZR accuracy SOT-23-3 (DBZ) 4M4_ –40 °C to 85°C and 4.096 V Reel of 250 LM4040C41IDBZT 100 ppm/ °C Bulk of 1000 LM4040C41ILP temperature TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040C41ILPR coefficient SC-70 (DCK) Reel of 3000 LM4040C50IDCKR MZ_ Reel of 3000 LM4040C50IDBZR SOT-23-3 (DBZ) 4NC_ 5 V Reel of 250 LM4040C50IDBZT Bulk of 1000 LM4040C50ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040C50ILPR SC-70 (DCK) Reel of 3000 LM4040C82IDCKR PF_ Reel of 3000 LM4040C82IDBZR SOT-23-3 (DBZ) 4NN_ 8.192 V Reel of 250 LM4040C82IDBZT Bulk of 1000 LM4040C82ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040C82ILPR SC-70 (DCK) Reel of 3000 LM4040C10IDCKR PK_ Reel of 3000 LM4040C10IDBZR SOT-23-3 (DBZ) 4NS_ 10 V Reel of 250 LM4040C10IDBZT Bulk of 1000 LM4040C10ILP TO-92/TO-226 (LP) NFC10I Reel of 2000 LM4040C10ILPR 4 Submit Documentation Feedback |
同様の部品番号 - LM4040A82IDCKR |
|
同様の説明 - LM4040A82IDCKR |