データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LV14 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74LV14
部品情報  Hex inverting Schmitt-trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV14 データシート(HTML) 2 Page - NXP Semiconductors

  74LV14 Datasheet HTML 1Page - NXP Semiconductors 74LV14 Datasheet HTML 2Page - NXP Semiconductors 74LV14 Datasheet HTML 3Page - NXP Semiconductors 74LV14 Datasheet HTML 4Page - NXP Semiconductors 74LV14 Datasheet HTML 5Page - NXP Semiconductors 74LV14 Datasheet HTML 6Page - NXP Semiconductors 74LV14 Datasheet HTML 7Page - NXP Semiconductors 74LV14 Datasheet HTML 8Page - NXP Semiconductors 74LV14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LV14
Hex inverting Schmitt-trigger
2
1998 Apr 20
853–1895 19256
FEATURES
Wide operating voltage: 1.0 to 5.5 V
Optimized for Low Voltage applications: 1.0 to 3.6 V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Typical V
OLP (output ground bounce) < 0.8 V at VCC = 3.3 V,
Tamb = 25°C.
Typical V
OHV (output VOH undershoot) > 2 V at VCC = 3.3 V,
Tamb = 25°C.
Output capability: standard
I
CC category: SSI
APPLICATIONS
Wave and pulse shapers for highly noisy environments
DESCRIPTION
The 74LV14 is a low-voltage Si-gate CMOS device and is pin and
function compatible with 74HC/HCT14.
The 74LV14 provides six inverting buffers with Schmitt-trigger
action. It is capable of transforming slowly changing input signals
into sharply defined, jitter-free output signals.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nA to nY
CL = 15 pF;
VCC = 3.3 V
13
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per gate
See Notes 1 and 2
15
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
14-Pin Plastic DIL
–40
°C to +125°C
74LV14 N
74LV14 N
SOT27-1
14-Pin Plastic SO
–40
°C to +125°C
74LV14 D
74LV14 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV14 DB
74LV14 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV14 PW
74LV14PW DH
SOT402-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 3, 5, 9, 11, 13
1A – 6A
Data inputs
2, 4, 6, 8, 10, 12
1Y – 6Y
Data outputs
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
FUNCTION TABLE
INPUT
OUTPUT
nA
nY
L
H
H
L
NOTES:
H = HIGH voltage level
L = LOW voltage level


同様の部品番号 - 74LV14

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
logo
Texas Instruments
74LV14A TI-74LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Diodes Incorporated
74LV14A DIODES-74LV14A Datasheet
285Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Nexperia B.V. All right...
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
74LV14ABZ NEXPERIA-74LV14ABZ Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
More results

同様の説明 - 74LV14

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com