データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-KB25-C0000 データシート(PDF) 4 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-KB25-C0000
部品情報  T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-KB25-C0000 データシート(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-KB25-C0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-KB25-C0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-KB25-C0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-KB25-C0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-KB25-C0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-KB25-C0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Soldering/Cleaning
Cleaning agents from the ketone
family (acetone, methyl ethyl
ketone, etc.) and from the
chlorinated hydrocarbon family
(methylene chloride,
trichloroethylene, carbon
tetrachloride, etc.) are not
recommended for cleaning LED
parts. All of these various
solvents attack or dissolve the
encapsulating epoxies used to
form the package of plastic LED
parts.
For information on soldering
LEDs, please refer to Application
Note 1027.
Figure 8. Relative Luminous Intensity vs. Angular Displacement
for HLMP-KB45.
Figure 7. Relative Luminous Intensity vs. Angular Displacement
for HLMP-DB25.
10°
100°
40°
70°
20°
60°
80°
30°
50°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
.6
.8
.2
.4
1.0
10°
100°
40°
70°
20°
60°
80°
30°
50°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
.6
.8
.2
.4
1.0
Figure 6. Maximum DC Forward
Current vs. Ambient Temperature.
Derating Based on TJ Max. = 115
°C.
Figure 5. Relative Luminous Intensity
vs. Forward Current.
Figure 4. Forward Current vs.
Forward Voltage.
1.00E-06
1.00E-02
10
1
PULSE WIDTH (SECONDS)
1.00E-03
1.00E-04
1.00E-05
0
1.2
0.4
IF – DC FORWARD CURRENT – mA
010
20
35
0.8
515
25
30
0.3
0.2
0.1
0.5
0.6
0.7
0.9
1.0
1.1
0
0
TA – AMBIENT TEMPERATURE – °C
30
70
35
20
10
10
50
30
80
5
15
25
20
40
60
90


同様の部品番号 - HLMP-KB25-C0000

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KB45 AVAGO-HLMP-KB45 Datasheet
259Kb / 8P
   General purpose leads
HLMP-KB45-A0000 AVAGO-HLMP-KB45-A0000 Datasheet
229Kb / 6P
   Product Obsolescence Notification
More results

同様の説明 - HLMP-KB25-C0000

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DS25 AVAGO-HLMP-DS25 Datasheet
254Kb / 8P
   T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com