データシートサーチシステム |
|
HLMP-CE26-Q0C00 データシート(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HLMP-CE26-Q0C00 データシート(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 9 page 5 Absolute Maximum Rating at TA = 25°C Parameters Value Unit DC Forward Current [1] 30 mA Peak Pulsed Forward Current[3] 100 mA Average Forward Current 30 mA Power Dissipation 120 mW LED Junction Temperature 110 °C Operating Temperature Range –40 to +85 °C Storage Temperature Range –40 to +100 °C Wave Soldering Temperature[2] 250 for 3 secs °C Notes: 1. Derate linearly as shown in Figure 2. 2. 1.59 mm (0.060 inch) below body. 3. Duty factor 10%, frequency 1 KHz. Electrical/Optical Characteristics TA = 25oC Blue Green Cyan Parameters Symbol Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Units Test Condition Forward Voltage VF 3.5 4.0 3.6 4.0 3.5 4.0 V IF = 20 mA Reverse Voltage[1] VR 5.0 5.0 5.0 V IR = 10 µA Thermal Resistance RqJ-PIN 240 240 240 oC/W LED Junction to Anode Lead Dominant ld 460 470 480 520 525 540 490 505 510 nm IF = 20 mA Wavelength[2] Peak Wavelength lPEAK 464 516 501 nm Peak of Wavelength of Spectral Distribu- tion at IF = 20 mA Spectral Half Width Dl1/2 23 32 30 nm Wavelength Width at Spectral Distribu- tion Power Point at IF = 20 mA Luminous Efficacy[3] hv 74 484 319 lm/W Emitted Luminous Power/Emitted Radiant Power Notes: 1. The reverse voltage of the product is equivalent to the forward voltage of the protective chip at IR = 10 µA. 2. The dominant wavelength, ld, is derived from the Chromaticity Diagram and represents the color of the lamp. 3. The radiant intensity, Ie in watts/steradian, may be found from the equation Ie = Iv/hv, where Iv is the luminous intensity in candelas and hv is the luminous efficacy in lumens/watt. |
同様の部品番号 - HLMP-CE26-Q0C00 |
|
同様の説明 - HLMP-CE26-Q0C00 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |