データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVCH245A データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74LVCH245A
部品情報  Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH245A データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74LVCH245A Datasheet HTML 2Page - NXP Semiconductors 74LVCH245A Datasheet HTML 3Page - NXP Semiconductors 74LVCH245A Datasheet HTML 4Page - NXP Semiconductors 74LVCH245A Datasheet HTML 5Page - NXP Semiconductors 74LVCH245A Datasheet HTML 6Page - NXP Semiconductors 74LVCH245A Datasheet HTML 7Page - NXP Semiconductors 74LVCH245A Datasheet HTML 8Page - NXP Semiconductors 74LVCH245A Datasheet HTML 9Page - NXP Semiconductors 74LVCH245A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2003 May 07
6
Philips Semiconductors
Product specification
Octal bus transceiver with direction pin with 5 V tolerant
input/outputs (3-state)
74LVC245A;
74LVCH245A
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. For SO20 packages: above 70
°C derate linearly with 8 mW/K.
For SSOP20 and TSSOP20 packages: above 60
°C derate linearly with 5.5 mW/K.
For DHVQFN20 packages: above 60
°C derate linearly with 4.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
for maximum speed performance
2.7
3.6
V
for low-voltage applications
1.2
3.6
V
VI
input voltage
0
5.5
V
VO
output voltage
output HIGH or LOW state
0
VCC
V
output 3-state
0
5.5
V
Tamb
operating ambient temperature
−40
+125
°C
tr,tf
input rise and fall times
VCC = 1.2 to 2.7 V
0
20
ns/V
VCC = 2.7 to 3.6 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+6.5
V
IIK
input diode current
VI <0
−−50
mA
VI
input voltage
note 1
−0.5
+6.5
V
IOK
output diode current
VO >VCC or VO <0
−±50
mA
VO
output voltage
output HIGH or LOW state; note 1
−0.5
VCC + 0.5 V
output 3-state; note 1
−0.5
+6.5
V
IO
output source or sink current
VO =0toVCC
−±50
mA
ICC, IGND
VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 to +125 °C; note 2
500
mW


同様の部品番号 - 74LVCH245A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVCH245A NXP-74LVCH245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Diodes Incorporated
74LVCH245A DIODES-74LVCH245A Datasheet
469Kb / 10P
   OCTAL BUS TRANSCEIVER WITH BUS HOLD / 3 STATE OUTPUTS
logo
NXP Semiconductors
74LVCH245A PHILIPS-74LVCH245A Datasheet
324Kb / 10P
   Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)
1998 May 20
logo
Nexperia B.V. All right...
74LVCH245A NEXPERIA-74LVCH245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
logo
NXP Semiconductors
74LVCH245A-Q100 NXP-74LVCH245A-Q100 Datasheet
243Kb / 16P
   Octal bus transceiver; 3-state
Rev. 1-3 September 2012
More results

同様の説明 - 74LVCH245A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVCH245A PHILIPS-74LVCH245A Datasheet
324Kb / 10P
   Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)
1998 May 20
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com