データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2931T-5.0 データシート(PDF) 5 Page - Motorola, Inc

部品番号 LM2931T-5.0
部品情報  Low Dropout Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2931T-5.0 データシート(HTML) 5 Page - Motorola, Inc

  LM2931T-5.0 Datasheet HTML 1Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 2Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 3Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 4Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 5Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 6Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 7Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 8Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM2931 Series
5
MOTOROLA ANALOG IC DEVICE DATA
IO = 100 mA
IO = 10 mA
Vin, INPUT VOLTAGE (V)
–20
–10
0
10
20
30
40
50
60
0
1.0
2.0
3.0
4.0
5.0
6.0
Vout = 5.0 V
RL = 500 Ω
TA = 25°C
Vin, INPUT VOLTAGE (V)
50
150
250
350
0
5.0
10
15
20
25
30
TJ = –40°C
TJ = 25°C
TJ = 85°C
0
0
t, TIME (50 ms/DIV)
Vin, INPUT VOLTAGE (V)
0
1.0
2.0
3.0
4.0
5.0
6.0
0
1.0
2.0
3.0
4.0
5.0
6.0
TJ, JUNCTION TEMPERATURE (°C)
0
100
200
300
0
25
50
75
100
125
IO = 50 mA
IO, OUTPUT CURRENT (mA)
0
20
40
60
80
100
0
40
80
120
160
200
Vin = 14 V
∆Vout = 100 mV
TJ = 25°C
Vout = 5.0 V
RL = 50 Ω
CO = 100 µF
τ = 150 ms
TA = 25°C
VCC = 15 V
VFB1 = 5.05 V
Dashed lines below Vin = 5.0 V
are for Adjustable output devices only.
Figure 1. Dropout Voltage versus Output Current
Figure 2. Dropout Voltage versus
Junction Temperature
Figure 3. Peak Output Current versus Input Voltage
Figure 4. Output Voltage versus Input Voltage
Figure 5. Output Voltage versus Input Voltage
Figure 6. Load Dump Characteristics
Vin = 14 V
∆Vout = 100 mV
Vout = 5.0 V
TA = 25°C
RL = 50 Ω
IO = 100 mA


同様の部品番号 - LM2931T-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2931T-5.0 NSC-LM2931T-5.0 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
ON Semiconductor
LM2931T-5.0 ONSEMI-LM2931T-5.0 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
LM2931T-5.0 ONSEMI-LM2931T-5.0 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
logo
National Semiconductor ...
LM2931T-5.0 NSC-LM2931T-5.0 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Texas Instruments
LM2931T-5.0 TI1-LM2931T-5.0 Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
More results

同様の説明 - LM2931T-5.0

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com