データシートサーチシステム |
|
LM2931ACTV データシート(PDF) 10 Page - Motorola, Inc |
|
LM2931ACTV データシート(HTML) 10 Page - Motorola, Inc |
10 / 16 page LM2931 Series 10 MOTOROLA ANALOG IC DEVICE DATA DEFINITIONS Dropout Voltage – The input/output voltage differential at which the regulator output no longer maintains regulation against further reductions in input voltage. Measured when the output decreases 100 mV from nominal value at 14 V input, dropout voltage is affected by junction temperature and load current. Line Regulation – The change in output voltage for a change in the input voltage. The measurement is made under conditions of low dissipation or by using pulse techniques such that the average chip temperature is not significantly affected. Load Regulation – The change in output voltage for a change in load current at constant chip temperature. Maximum Power Dissipation – The maximum total device dissipation for which the regulator will operate within specifications. Bias Current – That part of the input current that is not delivered to the load. Output Noise Voltage – The rms AC voltage at the output, with constant load and no input ripple, measured over a specified frequency range. Long–Term Stabliity – Output voltage stability under accelerated life test conditions with the maximum rated voltage listed in the devices electrical characteristics and maximum power dissipation. |
同様の部品番号 - LM2931ACTV |
|
同様の説明 - LM2931ACTV |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |