データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5628 データシート(PDF) 4 Page - Analog Devices

部品番号 AD5628
部品情報  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5628 データシート(HTML) 4 Page - Analog Devices

  AD5628 Datasheet HTML 1Page - Analog Devices AD5628 Datasheet HTML 2Page - Analog Devices AD5628 Datasheet HTML 3Page - Analog Devices AD5628 Datasheet HTML 4Page - Analog Devices AD5628 Datasheet HTML 5Page - Analog Devices AD5628 Datasheet HTML 6Page - Analog Devices AD5628 Datasheet HTML 7Page - Analog Devices AD5628 Datasheet HTML 8Page - Analog Devices AD5628 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5628/AD5648/AD5668
Preliminary Technical Data
Rev.PrA | Page 4 of 24
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
B Version 1,2
Conditions/Comments
OUTPUT
CHARACTERISTICS6
Output Voltage Range
0
VDD
0
VDD
V
Capacitive Load Stability
2
2
pF
RL=∞
10
10
pF
RL=2 kΩ
DC Output Impedance
0.5
0.5
Short Circuit Current
30
30
mA
VDD=+5V
Power-Up Time
4
4
µs
Coming out of Power-Down Mode.
VDD=+5V
REFERENCE INPUTS3
Reference Input voltage
VDD
VDD
V
±1% for specified performance
Reference Current
35
45
35
45
µ A
VREF = VDD = +5.5V (per DAC channel)
Reference Input Range
0
VDD
0
VDD
Reference Input Impedance
14.6
14.6
kΩ
Per DAC channel
REFERENCE OUTPUT
Output Voltage
AD5628/AD5648/AD5668x-
2/3
2.495
2.5
2.505
2.495
2.5
2.505
V
Reference TC
±10
±10
ppm/°C
Reference Output
Impedance
2
2
kΩ
LOGIC INPUTS3
Input Current
±1
±1
µA
VINL, Input Low Voltage
0.8
0.8
V
VDD=+5 V
VINH, Input High Voltage
2
2
V
VDD=+5 V
Pin Capacitance
3
3
pF
POWER REQUIREMENTS
VDD
4.5
5.5
4.5
5.5
V
All Digital Inputs at 0 or VDD
IDD (Normal Mode)8
DAC Active and Excluding Load Current
VDD=4.5 V to +5.5 V
2
4
2
4
mA
VIH=VDD and VIL=GND
IDD (All Power-Down
Modes)9
VDD=4.5 V to +5.5 V
0.2
1
0.2
1
µA
VIH=VDD and VIL=GND
POWER EFFICIENCY
IOUT/IDD
89
89
%
ILOAD=2 mA, VDD=+5 V


同様の部品番号 - AD5628

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5628ACPZ-1-RL7 AD-AD5628ACPZ-1-RL7 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628ACPZ-2-RL7 AD-AD5628ACPZ-2-RL7 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628ARUZ-2 AD-AD5628ARUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628ARUZ-2REEL7 AD-AD5628ARUZ-2REEL7 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628BCBZ-1-RL7 AD-AD5628BCBZ-1-RL7 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
More results

同様の説明 - AD5628

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5678 AD-AD5678 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
   On-Chip Reference in 14-Lead TSSOP
REV. C
AD5666 AD-AD5666 Datasheet
823Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. A
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
logo
Linear Technology
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2666 LINER-LTC2666 Datasheet
1Mb / 28P
   Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
logo
Analog Devices
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com