データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-CB26-Q0DDD データシート(PDF) 7 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-CB26-Q0DDD
部品情報  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CB26-Q0DDD データシート(HTML) 7 Page - Agilent(Hewlett-Packard)

  HLMP-CB26-Q0DDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CB26-Q0DDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CB26-Q0DDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CB26-Q0DDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CB26-Q0DDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CB26-Q0DDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CB26-Q0DDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CB26-Q0DDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CB26-Q0DDD Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Figure 6. Spatial radiation pattern for Cx11 and Cx12.
1
0
ANGULAR DISPLACEMENT – DEGREES
0.5
-90
-60
0
-30
30
60
90
Figure 7. Spatial radiation pattern for Cx26 and Cx27.
Figure 8. Spatial radiation pattern for Cx36 and Cx37.
1
0
ANGULAR DISPLACEMENT – DEGREES
0.5
-90
-60
0
-30
30
60
90
1
0
ANGULAR DISPLACEMENT – DEGREES
0.5
-90
-60
0
-30
30
60
90


同様の部品番号 - HLMP-CB26-Q0DDD

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB26-SV000 AVAGO-HLMP-CB26-SV000 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CB26-SV0DD AVAGO-HLMP-CB26-SV0DD Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CB26-SV0XX AVAGO-HLMP-CB26-SV0XX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CB26-TUD00 AVAGO-HLMP-CB26-TUD00 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CB26-TUDDD AVAGO-HLMP-CB26-TUDDD Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

同様の説明 - HLMP-CB26-Q0DDD

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com