データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC20DT データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74AC20DT
部品情報  Dual 4-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC20DT データシート(HTML) 1 Page - ON Semiconductor

  MC74AC20DT Datasheet HTML 1Page - ON Semiconductor MC74AC20DT Datasheet HTML 2Page - ON Semiconductor MC74AC20DT Datasheet HTML 3Page - ON Semiconductor MC74AC20DT Datasheet HTML 4Page - ON Semiconductor MC74AC20DT Datasheet HTML 5Page - ON Semiconductor MC74AC20DT Datasheet HTML 6Page - ON Semiconductor MC74AC20DT Datasheet HTML 7Page - ON Semiconductor MC74AC20DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
July, 2002 – Rev. 6
1
Publication Order Number:
MC74AC20/D
MC74AC20, MC74ACT20
Dual 4-Input NAND Gate
Outputs Source/Sink 24 mA
′ACT20 Has TTL Compatible Inputs
Figure 1. Pinout: 14-Lead Packages
(Top View)
GND
13
14
12
11
10
9
8
2
13
4
56
7
VCC
A1
B1
NC
C1
D1
O1
A0
B0
NC
C0
D0
O0
PIN ASSIGNMENT
PIN
FUNCTION
An, Bn, Cn,
Dn
Inputs
On
Outputs
MAXIMUM RATINGS*
Rating
Symbol
Value
Unit
DC Supply Voltage (Referenced to GND)
VCC
–0.5 to
+7.0
V
DC Input Voltage (Referenced to GND)
Vin
–0.5 to
VCC + 0.5
V
DC Output Voltage (Referenced to GND)
Vout
–0.5 to
VCC + 0.5
V
DC Input Current, per Pin
Iin
± 20
mA
DC Output Sink/Source Current, per Pin
Iout
± 50
mA
DC VCC or GND Current per Output Pin
ICC
± 50
mA
Storage Temperature
Tstg
–65 to
+150
°C
*Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation should be restricted to the Recommended Oper-
ating Conditions.
TSSOP–14
DT SUFFIX
CASE 948G
1
14
EIAJ–14
M SUFFIX
CASE 965
1
14
SO–14
D SUFFIX
CASE 751A
1
14
1
14
PDIP–14
N SUFFIX
CASE 646
Device
Package
Shipping
ORDERING INFORMATION
MC74AC20DT
TSSOP–14
96 Units/Rail
MC74AC20DTR2
TSSOP–14 2500 Tape & Reel
MC74ACT20DT
TSSOP–14
96 Units/Rail
MC74ACT20DTR2
TSSOP–14 2500 Tape & Reel
MC74AC20N
PDIP–14
25 Units/Rail
MC74AC20D
SOIC–14
55 Units/Rail
MC74ACT20N
PDIP–14
25 Units/Rail
MC74AC20DR2
SOIC–14
2500 Tape & Reel
MC74ACT20D
SOIC–14
55 Units/Rail
MC74ACT20DR2
SOIC–14
2500 Tape & Reel
MC74AC20M
EIAJ–14
50 Units/Rail
MC74AC20MEL
EIAJ–14
2000 Tape & Reel
MC74ACT20MEL
EIAJ–14
2000 Tape & Reel
See general marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com


同様の部品番号 - MC74AC20DT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC20D ONSEMI-MC74AC20D Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
MC74AC20DG ONSEMI-MC74AC20DG Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
MC74AC20DG ONSEMI-MC74AC20DG Datasheet
71Kb / 6P
   Dual 4-Input NAND Gate
January, 2015 ??Rev. 9
MC74AC20DR2 ONSEMI-MC74AC20DR2 Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
MC74AC20DR2G ONSEMI-MC74AC20DR2G Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
More results

同様の説明 - MC74AC20DT

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com