データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A6542YZPR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A6542YZPR
部品情報  0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A6542YZPR データシート(HTML) 1 Page - Texas Instruments

  TS5A6542YZPR Datasheet HTML 1Page - Texas Instruments TS5A6542YZPR Datasheet HTML 2Page - Texas Instruments TS5A6542YZPR Datasheet HTML 3Page - Texas Instruments TS5A6542YZPR Datasheet HTML 4Page - Texas Instruments TS5A6542YZPR Datasheet HTML 5Page - Texas Instruments TS5A6542YZPR Datasheet HTML 6Page - Texas Instruments TS5A6542YZPR Datasheet HTML 7Page - Texas Instruments TS5A6542YZPR Datasheet HTML 8Page - Texas Instruments TS5A6542YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
APPLICATIONS
YZT PACKAGE
(BOTTOM VIEW)
VIO
NC
GND
NO
V+
IN
COM
GND
2
8
3
4
6
7
1
5
A1
A2
B2
C2
D2
B1
C1
D1
DESCRIPTION/ORDERING INFORMATION
TS5A6542
0.75-
Ω SPDT ANALOG SWITCH
WITH INPUT LOGIC TRANSLATION
SCDS230 – APRIL 2006
Specified Break-Before-Make Switching
COM Port to GND
Low ON-State Resistance (0.75
Ω Max)
– 8000-V Human-Body Model
(A114-B, Class II)
Control Inputs Referenced to V
IO
±15-kV Contact Discharge (IEC 61000-4-2)
Low Charge Injection
Excellent ON-State Resistance Matching
Low Total Harmonic Distortion (THD)
Cell Phones
2.25-V to 5.5-V Power Supply (V
+)
PDAs
1.65-V to 1.95-V Logic Supply (V
IO)
Portable Instrumentation
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
– 4000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
– 400-V Machine Model (A115-A)
The TS5A6542 is a single-pole double-throw (SPDT) analog switch that is designed to operate from 2.25 V to
5.5 V. The device offers a low ON-state resistance with an excellent channel-to-channel ON-state resistance
matching, and the break-before-make feature to prevent signal distorion during the transferring of a signal from
one path to another. The device has excellent total harmonic distortion (THD) performance and consumes very
low power. These features make this device suitable for portable audio applications.
The TS5A6542 has a separate logic supply pin (VIO) operates from 1.65 V to 1.95 V. VIO powers the control
circuitry, which allows the TS5A6542 to be controlled by 1.8-V signals.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
–40
°C to 85°C 0.23-mm Large Bump – YZT
Tape and reel
TS5A6542YZTR
_ _ _ JH7
(Pb-free) 0.625-mm max height
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
YZT: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TS5A6542YZPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A6542YZPR TI-TS5A6542YZPR Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542YZPR TI1-TS5A6542YZPR Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results

同様の説明 - TS5A6542YZPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
[Old version datasheet]   0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
logo
Global Mixed-mode Techn...
G3207 GMT-G3207 Datasheet
163Kb / 1P
   0.75 SPDT Analog Switch
G3208 GMT-G3208 Datasheet
109Kb / 1P
   Dual 0.75 SPDT Analog Switch
logo
Texas Instruments
TS3DS26227 TI-TS3DS26227_15 Datasheet
410Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com