データシートサーチシステム |
|
74LVC139PW データシート(PDF) 5 Page - NXP Semiconductors |
|
74LVC139PW データシート(HTML) 5 Page - NXP Semiconductors |
5 / 10 page Philips Semiconductors Product specification 74LVC139 Dual 2-to-4 line decoder/demultiplexer 1998 Apr 28 5 DC ELECTRICAL CHARACTERISTICS Over recommended operating conditions. Voltages are referenced to GND (ground = 0V) LIMITS SYMBOL PARAMETER TEST CONDITIONS Temp = -40 °C to +85°C UNIT MIN TYP1 MAX V HIGH level input voltage VCC = 1.2V VCC V VIH HIGH level input voltage VCC = 2.7 to 3.6V 2.0 V V LOW level input voltage VCC = 1.2V GND V VIL LOW level input voltage VCC = 2.7 to 3.6V 0.8 V VCC = 2.7V; VI = VIH or VIL; IO = –12mA VCC*0.5 VO HIGH level output voltage VCC = 3.0V; VI = VIH or VIL; IO = –100µA VCC*0.2 VCC V VOH HIGH level output voltage VCC = 3.0V; VI = VIH or VIL; IO = –12mA VCC*0.6 V VCC = 3.0V; VI = VIH or VIL; IO = –24mA VCC*0.8 VCC = 2.7V; VI = VIH or VIL; IO = 12mA 0.40 VOL LOW level output voltage VCC = 3.0V; VI = VIH or VIL; IO = 100µA 0.20 V VCC = 3.0V; VI = VIH or VIL; IO = 24mA 0.55 I Input leakage current V =3 6V; V = 5 5V or GND "01 "5 µA II Input leakage current VCC = 3.6V; VI = 5.5V or GND "0.1 "5 µA ICC Quiescent supply current VCC = 3.6V; VI = VCC or GND; IO = 0 0.1 10 µA ∆ICC Additional quiescent supply current per input pin VCC = 2.7V to 3.6V; VI = VCC –0.6V; IO = 0 5 500 µA NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25°C. AC CHARACTERISTICS GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF; RL = 500W; Tamb = –40_C to +85_C LIMITS SYMBOL PARAMETER WAVEFORM VCC = 3.3V ±0.3V VCC = 2.7V UNIT MIN TYP1 MAX MIN MAX tPHL/tPLH Propagation delay nAn to Yn 1, 3 1.5 3.3 6.0 7.5 ns tPHL/tPLH Propagation delay nE to Yn 2, 3 1.5 3.2 5.5 6.5 ns NOTE: 1. These typical values are at VCC = 3.3V and Tamb = 25°C. |
同様の部品番号 - 74LVC139PW |
|
同様の説明 - 74LVC139PW |