データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA4471 データシート(PDF) 8 Page - TEMIC Semiconductors

部品番号 TDA4471
部品情報  Multistandard Video-IF and Quasi Parallel Sound Processing
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEMIC [TEMIC Semiconductors]
ホームページ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4471 データシート(HTML) 8 Page - TEMIC Semiconductors

Back Button TDA4471 Datasheet HTML 4Page - TEMIC Semiconductors TDA4471 Datasheet HTML 5Page - TEMIC Semiconductors TDA4471 Datasheet HTML 6Page - TEMIC Semiconductors TDA4471 Datasheet HTML 7Page - TEMIC Semiconductors TDA4471 Datasheet HTML 8Page - TEMIC Semiconductors TDA4471 Datasheet HTML 9Page - TEMIC Semiconductors TDA4471 Datasheet HTML 10Page - TEMIC Semiconductors TDA4471 Datasheet HTML 11Page - TEMIC Semiconductors TDA4471 Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TELEFUNKEN Semiconductors
TDA4471
Preliminary Information
Rev. A1: 18.08.1995
8 (16)
Electrical Characteristics
Vs = +5V, Tamb = +25°C; reference point Pin 4 (9 ,16), unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Standard switch
Pin 15
Control voltage for mode 1:
neg. modulated video–IF
signals
and FM/NICAM sound
see note 5
note 2
VSW1
2.0
Vs
V
Control voltage for mode 2:
pos. modulated video–IF
signals
and AM / L–NICAM sound
VSW2
0
0.8
V
Switching current
ISW
100
A
AFC output
Pin 24
Control slope
I/f
0.7
A/kHz
Frequency drift by
temperature
related to the picture carrier
frequency
0.25
0.6
%
Output voltage upper limit
VAFC
Vs–0.4
V
lower limit
0.4
V
Output current
IAFC
0.2
mA
AFC switch
Pin 21
Control voltage: AFC ”off”
AFC curve rising
AFC curve falling
see note 6
VSW
0
1.5
3.5
0.8
2.5
Vs
V
Switching current
ISW
100
A
L’/VIF input selector switch
Pin 16 see note 7
Control voltage:
L’-VCO frequency
L’-VCO frequency
standard switch in mode 2
(L standard)
VSW2
0
3.4
3.0
4.5
V
Control voltage:
VIF input 2 active
VIF input 1 active
standard switch in mode 1
(B/G standard)
VSW1
0
3.4
3.0
4.5
V
Switching current
VSW = 0
ISW
700
A


同様の部品番号 - TDA4471

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TDA4470 TEMIC-TDA4470 Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-MFLG3 TEMIC-TDA4470-MFLG3 Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-MSD TEMIC-TDA4470-MSD Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4472 TEMIC-TDA4472 Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
More results

同様の説明 - TDA4471

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4472-M TEMIC-TDA4472-M Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
logo
STMicroelectronics
TDA8120B STMICROELECTRONICS-TDA8120B Datasheet
200Kb / 6P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM
logo
NXP Semiconductors
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
STMicroelectronics
STV8223A STMICROELECTRONICS-STV8223A Datasheet
119Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224A STMICROELECTRONICS-STV8224A Datasheet
145Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8223B STMICROELECTRONICS-STV8223B Datasheet
112Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224B STMICROELECTRONICS-STV8224B Datasheet
134Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com