データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8310 データシート(PDF) 7 Page - Analog Devices

部品番号 AD8310
部品情報  Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8310 データシート(HTML) 7 Page - Analog Devices

Back Button AD8310 Datasheet HTML 3Page - Analog Devices AD8310 Datasheet HTML 4Page - Analog Devices AD8310 Datasheet HTML 5Page - Analog Devices AD8310 Datasheet HTML 6Page - Analog Devices AD8310 Datasheet HTML 7Page - Analog Devices AD8310 Datasheet HTML 8Page - Analog Devices AD8310 Datasheet HTML 9Page - Analog Devices AD8310 Datasheet HTML 10Page - Analog Devices AD8310 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8310
Rev. D | Page 7 of 24
50
µs PER
HORIZONTAL
DIVISION
500mV PER
VERTICAL
DIVISION
VOUT
100pF
3300pF
GROUND REFERENCE
0.01
µF
Figure 9. Small-Signal AC Response of RSSI Output with External BFIN
Capacitance of 100 pF, 3300 pF, and 0.01 µF
100ns PER
HORIZONTAL
DIVISION
GND REFERENCE
INPUT
500mV PER
VERTICAL
DIVISION
500mV PER
VERTICAL
DIVISION
VOUT
154
100
200
Figure 10. Large-Signal RSSI Pulse Response with CL = 100 pF
and RL = 100 Ω, 154 Ω, and 200 Ω
100ns PER
HORIZONTAL
DIVISION
GND REFERENCE
INPUT
500mV PER
VERTICAL
DIVISION
VOUT
500mV PER
VERTICAL
DIVISION
–3dBV INPUT
LEVEL SHOWN
HERE
Figure 11. RSSI Pulse Response with RL = 402 Ω and CL = 68 pF, for Inputs
Stepped from 0 dBV to −33 dBV, −23 dBV, −13 dBV, and −3 dBV
25ns PER
HORIZONTAL
DIVISION
GROUND REFERENCE
INPUT
500mV PER
VERTICAL
DIVISION
10mV PER
VERTICAL
DIVISION
VOUT
Figure 12. Small-Signal RSSI Pulse Response
with RL = 402 Ω and CL = 68 pF
100ns PER
HORIZONTAL
DIVISION
GND REFERENCE
INPUT
500mV PER
VERTICAL
DIVISION
VOUT
CURVES
OVERLAP
500mV PER
VERTICAL
DIVISION
Figure 13. Large-Signal RSSI Pulse Response with RL = 100 Ω
and CL = 33 pF, 68 pF, and 100 pF
20mV PER
VERTICAL
DIVISION
100ns PER
HORIZONTAL
DIVISION
INPUT
VOUT
200mV PER
VERTICAL
DIVISION
GND REFERENCE
Figure 14. Small-Signal RSSI Pulse Response with RL = 50 Ω
and Back Termination of 50 Ω (Total Load = 100 Ω)


同様の部品番号 - AD8310

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8310 AD-AD8310 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310-EVAL AD-AD8310-EVAL Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310ARM AD-AD8310ARM Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310ARM-REEL7 AD-AD8310ARM-REEL7 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310ARMZ AD-AD8310ARMZ Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
More results

同様の説明 - AD8310

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
   Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
AD8307 AD-AD8307 Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
   Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com