データシートサーチシステム |
|
HLMP-C115-T0001 データシート(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HLMP-C115-T0001 データシート(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 10 page 4 Absolute Maximum Ratings at TA = 25°C High High DH AS Efficiency Performance AlGaAs Red and Green and Parameter Red Orange Yellow Emerald Green Units DC Forward Current[1] 30 30 20 30 mA Transient Forward Current[2] 500 500 500 500 mA (10 µsec Pulse) Reverse Voltage (Ir = 100 µA) 5 555 V LED Junction Temperature 110 110 110 110 °C Operating Temperature Range –20 to +100 –55 to +100 –20 to +100 °C Storage Temperature Range –55 to +100 °C Wave Soldering Temperature 250 °C for 3 seconds [1.59 mm (0.063 in.) from body] Lead Solder Dipping Temperature 260 °C for 5 seconds [1.59 mm (0.063 in.) from body] Notes: 1. See Figure 5 for maximum current derating vs. ambient temperature. 2. The transient current is the maximum nonrecurring peak current the device can withstand without damaging the LED die and wire bond. Package Dimensions HLMP-Cx15 and HLMP-Cx23 HLMP-Cx17 1.14 ± 0.20 (0.045 ± 0.008) 5.80 ± 0.20 (0.228 ± 0.008) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES). 2. LEADS ARE MILD STEEL, SOLDER DIPPED. 3. AN EPOXY MENISCUS MAY EXTEND ABOUT 0.5 mm (0.020 in.) DOWN THE LEADS. CATHODE LEAD 1.85 (0.073) MAX. CATHODE FLAT (NOTE 1) 1.14 ± 0.20 (0.045 ± 0.008) 5.80 ± 0.20 (0.228 ± 0.008) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD CATHODE FLAT 1.50 ± 0.15 (0.059 ± 0.006) 12.60 ± 0.18 (0.496 ± 0.007) |
同様の部品番号 - HLMP-C115-T0001 |
|
同様の説明 - HLMP-C115-T0001 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |