データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

MC33074 データシート(PDF) 6 Page - ON Semiconductor

部品番号. MC33074
部品情報  Single Supply 3.0 V to 44 V Operational Amplifiers
ダウンロード  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo 

MC33074 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MC34071,2,4,A MC33071,2,4,A
http://onsemi.com
6
VCC
VCC = +15 V
RL to VCC
TA = 25°C
GND
VCC
VCC = +15 V
RL = GND
TA = 25°C
GND
Figure 10. Single Supply Output Saturation
versus Load Resistance to VCC
60
Figure 11. Split Supply Output Saturation
versus Load Current
Figure 12. Single Supply Output Saturation
versus Load Resistance to Ground
Figure 13. Output Short Circuit Current
versus Temperature
Figure 14. Output Impedance
versus Frequency
Figure 15. Output Voltage Swing
versus Frequency
0
5.0
10
15
20
IL, LOAD CURRENT (± mA)
VCC
VEE
Sink
VCC/VEE = +5.0 V/ −5.0 V to +22 V/ −22 V
TA = 25°C
Source
RL, LOAD RESISTANCE TO GROUND (W)
100
1.0 k
10 k
100 k
RL, LOAD RESISTANCE TO VCC (W)
100
1.0 k
10 k
100 k
TA, AMBIENT TEMPERATURE (°C)
−55
−25
0
25
50
75
100
125
VCC = +15 V
VEE = −15 V
RL ≤ 0.1 W
DVin = 1.0 V
Sink
Source
f, FREQUENCY (Hz)
1.0 k
10 k
100
1.0 M
10 M
AV = 1000
AV = 100
AV = 10
AV = 1.0
VCC = +15 V
VEE = −15 V
VCM = 0
VO = 0
DIO = ±0.5 mA
TA = 25°C
f, FREQUENCY (Hz)
3.0 k
10 k
30 k
100 k
300 k
1.0 M
3.0 M
VCC = +15 V
VEE = −15 V
AV = +1.0
RL = 2.0 k
THD
≤ 1.0%
TA = 25°C
VCC
VCC −1.0
VCC −2.0
VEE +2.0
VEE +1.0
VEE
VCC−2.0
VCC−4.0
VCC
0.2
0.1
0
0
−0.4
−0.8
2.0
1.0
50
40
30
20
10
0
50
40
30
20
10
0
28
24
20
16
12
8.0
4.0
0


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
LM324Single Supply Quad Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
UPC844BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE SUPPLY VOLTAGE HIGH SPEED WIDE BAND QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreNEC
AD8591CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown 1 2 3 4 5 MoreAnalog Devices
OPA634Wideband Single Supply OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)
TLV2632FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
AD8601Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
LMC6035Low Power 2.7V Single Supply CMOS Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn