データシートサーチシステム |
|
MC33074 データシート(PDF) 9 Page - ON Semiconductor |
|
MC33074 データシート(HTML) 9 Page - ON Semiconductor |
9 / 22 page MC34071,2,4,A MC33071,2,4,A http://onsemi.com 9 Figure 28. Normalized Slew Rate versus Temperature Figure 29. Output Settling Time Figure 30. Small Signal Transient Response Figure 31. Large Signal Transient Response Figure 32. Common Mode Rejection versus Frequency Figure 33. Power Supply Rejection versus Frequency TA, AMBIENT TEMPERATURE (°C) −55 −25 0 25 50 75 100 125 VCC = +15 V VEE = −15 V AV = +1.0 RL = 2.0 k CL = 500 pF ts, SETTLING TIME (ms) 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 VCC = +15 V VEE = −15 V AV = −1.0 TA = 25°C 10 mV 1.0 mV 1.0 mV Compensated Uncompensated 10 mV 1.0 mV 1.0 mV 2.0 ms/DIV VCC = +15 V VEE = −15 V AV = +1.0 RL = 2.0 k CL = 300 pF TA = 25°C 1.0 ms/DIV f, FREQUENCY (Hz) 0.1 1.0 10 100 1.0 k 10 k 100 k 1.0 M 10 M TA = 25°C TA = 125°C TA = −55°C VCC = +15 V VEE = −15 V VCM = 0 V DVCM = ±1.5 V f, FREQUENCY (Hz) 0.1 1.0 10 100 1.0 k 10 k 100 k 1.0 M 10 M VCC = +15 V VEE = −15 V TA = 25°C ( DVCC = +1.5 V) ( DVEE = +1.5 V) +PSR −PSR VCC = +15 V VEE = −15 V AV = +1.0 RL = 2.0 k CL = 300 pF TA = 25°C 1.15 1.1 1.05 1.0 0.95 0.9 0.85 10 5.0 0 −5.0 −10 0 0 100 80 60 40 20 0 100 80 60 40 20 0 DVCM DVO ADM CMR = 20 Log DVCM DVO x ADM + − DVO ADM + − DVCC DVEE DVO/ADM DVCC +PSR = 20 Log DVO/ADM DVEE −PSR = 20 Log |
同様の部品番号 - MC33074 |
|
同様の説明 - MC33074 |