データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145170DT1 データシート(PDF) 2 Page - Motorola, Inc

部品番号 MC145170DT1
部品情報  PLL Frequency Synthesizer with Serial Interface CMOS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170DT1 データシート(HTML) 2 Page - Motorola, Inc

  MC145170DT1 Datasheet HTML 1Page - Motorola, Inc MC145170DT1 Datasheet HTML 2Page - Motorola, Inc MC145170DT1 Datasheet HTML 3Page - Motorola, Inc MC145170DT1 Datasheet HTML 4Page - Motorola, Inc MC145170DT1 Datasheet HTML 5Page - Motorola, Inc MC145170DT1 Datasheet HTML 6Page - Motorola, Inc MC145170DT1 Datasheet HTML 7Page - Motorola, Inc MC145170DT1 Datasheet HTML 8Page - Motorola, Inc MC145170DT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
MC145170–1
MOTOROLA
2
BLOCK DIAGRAM
ENB
OSCin
Din
CLK
OSCout
fin
OSC
1
2
7
5
4
INPUT
AMP
3
15
16
15–STAGE R COUNTER
16–STAGE N COUNTER
SHIFT
REGISTER
AND
CONTROL
LOGIC
POR
BitGrabber N REGISTER
16 BITS
BitGrabber C REGISTER
8 BITS
BitGrabber R REGISTER
15 BITS
PHASE/FREQUENCY
DETECTOR B AND CONTROL
PHASE/FREQUENCY
DETECTOR A AND CONTROL
LOCK DETECTOR
AND CONTROL
16
LD
PDout
φR
φV
10
15
14
13
11
9
PIN 16 = VDD
PIN 12 = VSS
6
4–STAGE
REFERENCE
DIVIDER
REFout
3
Dout
8
fV CONTROL
fR CONTROL
fR
fV
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 5.5
V
Vin
DC Input Voltage
– 0.5 to VDD + 0.5
V
Vout
DC Output Voltage
– 0.5 to VDD + 0.5
V
Iin
DC Input Current, per Pin
± 10
mA
Iout
DC Output Current, per Pin
± 20
mA
IDD
DC Supply Current, VDD and VSS Pins
± 30
mA
PD
Power Dissipation, per Package
300
mW
Tstg
Storage Temperature
– 65 to + 150
°C
TL
Lead Temperature, 1 mm from Case
for 10 seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
tables or Pin Descriptions section.
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, pre-
cautions must be taken to avoid applications of
any voltage higher than maximum rated volt-
ages to this high–impedance circuit. For proper
operation, Vin and Vout should be constrained
to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD). Unused outputs must be left open.


同様の部品番号 - MC145170DT1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145170DT2 MOTOROLA-MC145170DT2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
MC145170DT2 LANSDALE-MC145170DT2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170DT2 FREESCALE-MC145170DT2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

同様の説明 - MC145170DT1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
ML145106 LANSDALE-ML145106 Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com