データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

MC33074DTB データシート(PDF) 14 Page - ON Semiconductor

部品番号. MC33074DTB
部品情報  Single Supply 3.0 V to 44 V Operational Amplifiers
ダウンロード  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo 

MC33074DTB Datasheet(HTML) 14 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MC34071,2,4,A MC33071,2,4,A
http://onsemi.com
14
Figure 50. Low Input Voltage Comparator
with Hysteresis
Figure 51. High Compliance Voltage to
Sink Current Converter
Figure 52. High Input Impedance
Differential Amplifier
Figure 53. Bridge Current Amplifier
Figure 54. Low Voltage Peak Detector
Figure 55. High Frequency Pulse
Width Modulation
Vref
R2
VO
VOH
VOL
VinL
VinH
Vref
Hysteresis
Vin
Vin
R1
MC34071
VinL =(VOL−Vref)+Vref
R1
R1+R2
VinH =(VOH−Vref)+Vref
VH =(VOH −VOL)
+
R1
R1+R
R1
R1+R2
Vin
Iout
R
+
Iout =
Vin±VIO
R
1/2
MC34072
+
+
R1
R2
R3
R4
VO
+V1
+V2
R2
R4
R3
R1
(Critical to CMRR)
VO = 1
V2−V1
For (V2
≥ V1), V > 0
=
+
R4
R3
R4
R3
+
+Vref
RF
VO
RR
R
R =
DR
DR < < R
RF > > R
(VO ≥ 0.1 V)
RF
VO = Vref
DR RF
2R2
+
Vin
Vin
RL
VP
10,000 pF
VO = Vin (pk)
+
VP
t
+
+
VP
t
t
Iout
VP
+
0
+
ISC
Base Charge
Removal
±IB
V+
47 k
100 k
C
R
Pulse Width
Control Group
OSC
Comparator
High Current
Output
fOSC ^
V
0.85
RC
100 k
IB
MC34071
MC34071
MC34071
1/2
MC34072
1/2
MC34072
1/2
MC34072


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
LM324Single Supply Quad Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
UPC844BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE SUPPLY VOLTAGE HIGH SPEED WIDE BAND QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreNEC
AD8591CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown 1 2 3 4 5 MoreAnalog Devices
OPA634Wideband Single Supply OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)
TLV2632FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
AD8601Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
LMC6035Low Power 2.7V Single Supply CMOS Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn