データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF4252BCP-REEL7 データシート(PDF) 5 Page - Analog Devices

部品番号 ADF4252BCP-REEL7
部品情報  Dual Fractional-N/Integer-N Frequency Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCP-REEL7 データシート(HTML) 5 Page - Analog Devices

  ADF4252BCP-REEL7 Datasheet HTML 1Page - Analog Devices ADF4252BCP-REEL7 Datasheet HTML 2Page - Analog Devices ADF4252BCP-REEL7 Datasheet HTML 3Page - Analog Devices ADF4252BCP-REEL7 Datasheet HTML 4Page - Analog Devices ADF4252BCP-REEL7 Datasheet HTML 5Page - Analog Devices ADF4252BCP-REEL7 Datasheet HTML 6Page - Analog Devices ADF4252BCP-REEL7 Datasheet HTML 7Page - Analog Devices ADF4252BCP-REEL7 Datasheet HTML 8Page - Analog Devices ADF4252BCP-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. B
ADF4252
–5–
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
CPRF
RF Charge Pump Output. This is normally connected to a loop filter that drives the input to an external VCO.
CPGND1
RF Charge Pump Ground.
RFINA
Input to the RF Prescaler. This small signal input is normally taken from the VCO.
RFINBComplementary Input to the RF Prescaler.
AGND1Analog Ground for the RF Synthesizer.
MUXOUT
This multiplexer output allows either the RF or IF lock detect, the scaled RF or IF, or the scaled reference fre-
quency to be accessed externally.
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and an equivalent input resistance of
100 k
Ω. This input can be driven from a TTL or CMOS crystal oscillator.
REFOUT
Reference Output.
DGND
Digital Ground for the Fractional Interpolator.
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into the
shift register on the CLK rising edge. This input is a high impedance CMOS input.
DATA
Serial Data Input. The serial data is loaded MSB first with the three LSBs being the control bits. This input is a
high impedance CMOS input.
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the
seven latches, the latch being selected using the control bits.
RSET
Connecting a resistor between this pin and ground sets the minimum charge pump output current. The relationship
between ICP and RSET is
I
R
CP
SET
min =
1 6875
.
Therefore, with RSET = 2.7 k
Ω, ICPmin = 0.625 mA.
AGND2Ground for the IF Synthesizer.
IFINBComplementary Input to the IF Prescaler.
IFINA
Input to the IF Prescaler. This small signal input is normally taken from the IF VCO.
DVDD
Positive Power Supply for the Fractional Interpolator Section. Decoupling capacitors to the ground plane should
be placed as close as possible to this pin. DVDD must have the same voltage as VDD1, VDD2, and VDD3.
CPGND2IF Charge Pump Ground.
CPIF
IF Charge Pump Output. This is normally connected to a loop filter that drives the input to an external VCO.
VP2IF Charge Pump Power Supply. Decoupling capacitors to the ground plane should be placed as close as possible
to this pin. This voltage should be greater than or equal to VDD2.
VDD2Positive Power Supply for the IF Section. Decoupling capacitors to the ground plane should be placed as close as
possible to this pin. VDD2 has a value 3 V
± 10%. VDD2 must have the same voltage as VDD1, VDD3, and DVDD.
VDD3
Positive Power Supply for the RF Digital Section. Decoupling capacitors to the ground plane should be placed as close
as possible to this pin. VDD3 has a value 3 V
± 10%. V
DD3 must have the same voltage as VDD1, VDD2, and DVDD.
VDD1
Positive Power Supply for the RF Analog Section. Decoupling capacitors to the ground plane should be placed as close
as possible to this pin. VDD1 has a value 3 V
± 10%. VDD1 must have the same voltage as VDD2, VDD3, and DVDD.
VP1
RF Charge Pump Power Supply. Decoupling capacitors to the ground plane should be placed as close as possible
to this pin. This voltage should be greater than or equal to VDD1.


同様の部品番号 - ADF4252BCP-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4252BCPZ AD-ADF4252BCPZ Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4252BCPZ-R7 AD-ADF4252BCPZ-R7 Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4252BCPZ-RL AD-ADF4252BCPZ-RL Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
More results

同様の説明 - ADF4252BCP-REEL7

メーカー部品番号データシート部品情報
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252_15 Datasheet
497Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4252 AD-ADF4252_V01 Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com