データシートサーチシステム |
|
MC13181R2 データシート(PDF) 5 Page - Motorola, Inc |
|
MC13181R2 データシート(HTML) 5 Page - Motorola, Inc |
5 / 18 page Electrical Specifications MOTOROLA MC13181 Advance Information 5 Output Voltage Temperature Coefficient TC - 100 - ppm / °C LDO_3.0/3.3 Output Voltage in 3.0 V Mode Select High Vout 3.0 3.06 3.12 V Output Voltage in 3.3 V Mode Select Low Vout 3.234 3.3 3.366 V Dropout Voltage VCC-Vout -1.0 - mV/ mA Line Regulation (VCC = 3.5 V to 6.5 V, Iout = 30 mA) REGline -2.5 10 mV Load Regulation (Iout = 10 µA to 60 mA) REGload -8.0 45 mV Ripple Rejection, (Ripple 0.5 Vpp, VCC = Vout + 0.6 V, Io = 30 mA) f = 1.0 kHz PSRR 40 - - dB Output Noise Voltage @ Io = 50 mA (f = 10 kHz to 100 kHz) Vn -30 - µVrms Short Circuit Current Limit (Vout = 0 V) Ilim -200 - mA Supply Current in ON mode (VCC = Vout + 0.6 V, Iout = 0 mA) Iss - 10 65 µA Output Capacitor Cout 1.0 - - µF ESR of Output Capacitor ESR - 4.0 - W Output Voltage Transient Response (10% to 100% of Imax) -1.0 - % Output Turn On Time from Enable to 90% of final value Ton -50 100 µs Output Voltage Temperature Coefficient TC - 100 - ppm / °C RESETB Circuit with Programmable Delay ResetB Threshold VTH 1.65 1.70 1.75 V ResetB Active Timeout period with Delay Cap = 5.6 nF with Delay Cap = 68 nF Treset 8.0 - 14 170 - 300 ms Output Voltage Low Vol 0- 0.1 V Output Voltage High Voh -VLDO_1. 85 -V Output Current RESETB (source or sink) |Io|1.0 - - mA Table 4. Electrical Characteristics (Continued) (VCC = 3.6 V, Cin = 1.0 µF, Cout = 1.0 µF, TA = 25°C for typical values, unless otherwise noted.) Characteristic Symbol Min Typ Max Unit |
同様の部品番号 - MC13181R2 |
|
同様の説明 - MC13181R2 |