データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD100NH02L データシート(PDF) 3 Page - STMicroelectronics

部品番号 STD100NH02L
部品情報  N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD100NH02L データシート(HTML) 3 Page - STMicroelectronics

  STD100NH02L Datasheet HTML 1Page - STMicroelectronics STD100NH02L Datasheet HTML 2Page - STMicroelectronics STD100NH02L Datasheet HTML 3Page - STMicroelectronics STD100NH02L Datasheet HTML 4Page - STMicroelectronics STD100NH02L Datasheet HTML 5Page - STMicroelectronics STD100NH02L Datasheet HTML 6Page - STMicroelectronics STD100NH02L Datasheet HTML 7Page - STMicroelectronics STD100NH02L Datasheet HTML 8Page - STMicroelectronics STD100NH02L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
STD100NH02L
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
(1) Garanted when external Rg=4.7
Ω and tf < tfmax.
(5) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(2) Value limited by wire bonding
(6) Qoss = Coss*∆ Vin , Coss = Cgd + Cds . See Appendix A
(3) Pulse width limited by safe operating area.
(7) Gate charge for synchronous operation
(4) Starting Tj = 25 oC, ID = 30A, VDD = 15V
.
.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 10 V
ID = 30 A
RG = 4.7 Ω
VGS = 10 V
(Resistive Load, Figure 3)
15
200
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD= 10 V ID= 60 A VGS= 10 V
62
12
8
84
nC
nC
nC
Qoss(6)
Output Charge
VDS= 16 V
VGS= 0 V
24
nC
Qgls(7)
Third-quadrant Gate Charge
VDS< 0 V
VGS= 10 V
56.5
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 10 V
ID = 30 A
RG = 4.7Ω,
VGS = 10 V
(Resistive Load, Figure 3)
60
35
47
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
Source-drain Current
Source-drain Current (pulsed)
60
240
A
A
VSD (5)
Forward On Voltage
ISD = 30 A
VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 60 A
di/dt = 100A/µs
VDD = 15 V
Tj = 150°C
(see test circuit, Figure 5)
47
58
2.5
ns
nC
A
ELECTRICAL CHARACTERISTICS (continued)
Safe Operating Area
Thermal Impedance


同様の部品番号 - STD100NH02L

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
STD100NH02L-1 STMICROELECTRONICS-STD100NH02L-1 Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
logo
VBsemi Electronics Co.,...
STD100NH02L-1 VBSEMI-STD100NH02L-1 Datasheet
997Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD100NH02LT4 STMICROELECTRONICS-STD100NH02LT4 Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
More results

同様の説明 - STD100NH02L

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
   N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
   N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET??III POWER MOSFET
STD60NF55L STMICROELECTRONICS-STD60NF55L_06 Datasheet
430Kb / 14P
   N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
   N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET??II POWER MOSFET
STD60NF55L STMICROELECTRONICS-STD60NF55L Datasheet
455Kb / 9P
   N-CHANNEL 55V - 0.012ohm - 60A DPAK STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com