データシートサーチシステム |
|
BTB12-800TWRG データシート(PDF) 2 Page - STMicroelectronics |
|
BTB12-800TWRG データシート(HTML) 2 Page - STMicroelectronics |
2 / 7 page BTA/BTB12 and T12 Series 2/7 ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified) s SNUBBERLESS™ and LOGIC LEVEL (3 Quadrants) s STANDARD (4 Quadrants) STATIC CHARACTERISTICS Note 1: minimum IGT is guaranted at 5% of IGT max. Note 2: for both polarities of A2 referenced to A1 Symbol Test Conditions Quadrant T12 BTA/BTB12 Unit T1235 TW SW CW BW IGT (1) VD = 12 V RL = 30 Ω I - II - III MAX. 35 5 10 35 50 mA VGT I - II - III MAX. 1.3 V VGD VD = VDRM RL = 3.3 kΩ Tj = 125°C I - II - III MIN. 0.2 V IH (2) IT = 100 mA MAX. 3510 15 3550 mA IL IG = 1.2 IGT I - III MAX. 50 10 25 50 70 mA II 60 15 30 60 80 dV/dt (2) VD = 67 %VDRM gate open Tj = 125°C MIN. 500 20 40 500 1000 V/µs (dI/dt)c (2) (dV/dt)c = 0.1 V/µs Tj = 125°C MIN. - 3.5 6.5 - - A/ms (dV/dt)c = 10 V/µs Tj = 125°C - 1 2.9 - - Without snubber Tj = 125°C 6.5 - - 6.5 12 Symbol Test Conditions Quadrant BTA/BTB12 Unit CB IGT (1) VD = 12 V RL = 30 Ω I - II - III IV MAX. 25 50 50 100 mA VGT ALL MAX. 1.3 V VGD VD = VDRM RL = 3.3 kΩ Tj = 125°C ALL MIN. 0.2 V IH (2) IT = 500 mA MAX. 25 50 mA IL IG = 1.2 IGT I - III - IV MAX. 40 50 mA II 80 100 dV/dt (2) VD = 67 %VDRM gate open Tj = 125°C MIN. 200 400 V/µs (dV/dt)c (2) (dI/dt)c = 5.3 A/ms Tj = 125°C MIN. 5 10 V/µs Symbol Test Conditions Value Unit VT (2) ITM = 17 A tp = 380 µs Tj = 25°C MAX. 1.55 V Vto (2) Threshold voltage Tj = 125°C MAX. 0.85 V Rd (2) Dynamic resistance Tj = 125°C MAX. 35 m Ω IDRM IRRM VDRM = VRRM Tj = 25°C MAX. 5µA Tj = 125°C 1 mA |
同様の部品番号 - BTB12-800TWRG |
|
同様の説明 - BTB12-800TWRG |