データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT126PWDH データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74LVT126PWDH
部品情報  3.3V Quad buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT126PWDH データシート(HTML) 2 Page - NXP Semiconductors

  74LVT126PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVT126
3.3V Quad buffer (3-State)
2
1998 Feb 19
853-1822 18991
FEATURES
Quad bus interface
3-State buffers
Output capability: +64mA/-32mA
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
No bus current loading when output is tied to 5V bus
Power-up 3-State
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The LVT126 is a high-performance BiCMOS product designed for
VCC operation at 3.3V.
This device combines low static and dynamic power dissipation with
high speed and high output drive.
The 74LVT126 device is a quad buffer that is ideal for driving bus
lines. The device features four Output Enables (OE0, OE1, OE2,
OE3), each controlling one of the 3-State outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Yn
CL = 50pF; VCC = 3.3V
2.3
2.4
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or 3.0V
8
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
0.13
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic SO
–40
°C to +85°C
74LVT126 D
74LVT126 D
SOT108-1
14-Pin Plastic SSOP
–40
°C to +85°C
74LVT126 DB
74LVT126 DB
SOT337-1
14-Pin Plastic TSSOP
–40
°C to +85°C
74LVT126 PW
74LVT126PW DH
SOT402-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
2, 5, 9, 12
A0 – A3
Data inputs
3, 6, 8, 11
Y0 – Y3
Data outputs
1, 4, 10, 13
OE0 – OE3
Output enable inputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
PIN CONFIGURATION
OE0
A0
Y0
OE1
A1
Y1
GND
Y2
A2
OE2
Y3
A3
OE3
VCC
1
2
3
4
5
6
78
9
10
11
12
13
14
SA00031
LOGIC SYMBOL
2
3
Y0
OE0
1
5
6
Y1
OE1
4
9
8
Y2
OE2
10
12
11
Y3
13
A0
A1
A2
A3
SV00093
OE3


同様の部品番号 - 74LVT126PWDH

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT126PW PHILIPS-74LVT126PW Datasheet
90Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74LVT126PW NEXPERIA-74LVT126PW Datasheet
240Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 6 - 27 July 2021
More results

同様の説明 - 74LVT126PWDH

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT125 PHILIPS-74LVT125 Datasheet
87Kb / 10P
   3.3V Quad buffer 3-State
Rev. 05-10 February 2005
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com